Electronic Components Datasheet Search
  English  ▼

X  

CDC706 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CDC706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC706 Datasheet(HTML) 17 Page - Texas Instruments

Back Button CDC706 Datasheet HTML 13Page - Texas Instruments CDC706 Datasheet HTML 14Page - Texas Instruments CDC706 Datasheet HTML 15Page - Texas Instruments CDC706 Datasheet HTML 16Page - Texas Instruments CDC706 Datasheet HTML 17Page - Texas Instruments CDC706 Datasheet HTML 18Page - Texas Instruments CDC706 Datasheet HTML 19Page - Texas Instruments CDC706 Datasheet HTML 20Page - Texas Instruments CDC706 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
www.ti.com
CDC706
SCAS829A – SEPTEMBER 2006 – REVISED MARCH 2007
Byte 9 to 12: Outputs Switch Matrix (5x6 Switch A) PLL Selection for P-Divider P0-P5
SWAPx2
SWAPx1
SWAPx0
Any Output Px
Default(1)
0
0
0
PLL bypass (input clock)
0
0
1
PLL1
P2, P3, P4, P5
0
1
0
PLL2 non-SSC
P0
0
1
1
PLL2 w/ SSC(2)
1
0
0
PLL3
P1
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
(1)
Unless customer specific setting.
(2)
PLL2 has a SSC output and non-SSC output. If SSC bypass is selected (see Byte 25, Bit [6:4]), the SSC circuitry of PLL2 is
powered-down and the SSC output is reset to logic low. The non-SSC output of PLL2 is not affected by this mode and can still be used.
Byte 10, Bit [1:0]: Configuration Settings of Input S0/CLK_SEL
S01
S00
Function
Default(1)
If S0 is low, the PLLs and the clock-input stage are going into power-down mode, outputs are in
Yes
0
0
3-state, all actual register settings will be maintained, SMBus stays active (2)
If S0 is low, the PLL and all dividers (M-Div and P-Div) are bypassed and PLL is in power-down,
0
1
all outputs are active (inv. or non-inv.), actual register settings will be maintained, SMBus stays
active; this mode is useful for production test;
CLK_SEL (input clock selection — overwrites the CLK_SEL setting in Byte 10, Bit [4])(3)
1
0
— CLK_SEL is set low selects CLK_IN_IN0
— CLK_SEL is set high selects CLK_IN_IN1
1
1
Reserved
(1)
Unless customer specific setting.
(2)
Power-down mode overwrites 3-state or low-state of S1 setting in Byte 10, Bit [3:2].
(3)
If the clock input (CLK_IN0/CLK_IN1) is selected as crystal input or differential clock input (Byte 11, Bit [7:6]) then this setting is not
relevant.
Byte 10, Bit [3:2]: Configuration Settings of Input S1
S11
S10
Function
Default(1)
0
0
If S1 is set low, all outputs are switched to a low-state (non-inv.) or high-state (inv.);
Yes
0
1
If S1 is set low, all outputs are switched to a 3-state
1
0
Reserved
1
1
Reserved
(1)
Unless customer specific setting.
Byte 10, Bit [4]: Input Clock Selection(1)
CLKSEL
Input Clock
Default(2)
0
CLK_IN0
Yes
1
CLK_IN1
(1)
This bit is not relevant, if crystal input or differential clock input is selected, Byte 11, Bit [7:6].
(2)
Unless customer specific setting.
Byte 11, Bit [7:6]: Input Signal Source(1)
IS1
IS0
Function
Default(2)
0
0
CLK_IN0 is Crystal Oscillator Input and CLK_IN1 is serving as Crystal Oscillator Output.
Yes
CLK_IN0 and CLK_IN1 are two LVCMOS Inputs. CLK_IN0 or CLK_IN1 are selectable via
0
1
CLK_SEL control pin.
1
0
CLK_IN0 and CLK_IN1 serve as differential signal inputs.
1
1
Reserved
(1)
In case the crystal input or differential clock input is selected, the input clock selection, Byte 10, Bit [4], is not relevant.
(2)
Unless customer specific setting.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com