Electronic Components Datasheet Search
  English  ▼

X  

CDC706 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # CDC706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC706 Datasheet(HTML) 29 Page - Texas Instruments

Back Button CDC706 Datasheet HTML 25Page - Texas Instruments CDC706 Datasheet HTML 26Page - Texas Instruments CDC706 Datasheet HTML 27Page - Texas Instruments CDC706 Datasheet HTML 28Page - Texas Instruments CDC706 Datasheet HTML 29Page - Texas Instruments CDC706 Datasheet HTML 30Page - Texas Instruments CDC706 Datasheet HTML 31Page - Texas Instruments CDC706 Datasheet HTML 32Page - Texas Instruments CDC706 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
www.ti.com
Performance Data: Output Skew, Jitter, Cross Coupling, Noise Rejection (Spur-Suppression),
Output Skew
Jitter Performance
CDC706
SCAS829A – SEPTEMBER 2006 – REVISED MARCH 2007
and Phase Noise
Skew is an important parameter for clock distribution circuits. It is defined as the time difference between outputs
that are driven by the same input clock. Table 5 shows the output skew (tsk(o)) of the CDC706 for high-to-low and
low-to-high transitions over the entire range of supply voltages, operating temperature and output voltage swing.
Table 5. Output Skew
PARAMETER
Vccout
TYP
MAX
UNIT
2.5 V
130
250
ps
tsk(o)
3.3 V
130
200
ps
Jitter is a major parameter for PLL-based clock driver circuits. This becomes important as speed increases and
timing budget decreases. The PLL and internal circuits of CDC706 are designed for lowest jitter. The
peak-to-peak period jitter is only 60 ps (typical). Table 6 gives the peak-to-peak and rms deviation of
cycle-to-cycle jitter, period jitter and phase jitter as taken during characterization.
Table 6. Jitter Performance of CDC706
PARAMETER
fout
TYP(1)
MAX(1)
UNIT
Peak-Peak
rms
Peak-Peak
rms
(one sigma)
(one sigma)
tjit(cc)
50 MHz
55
–
75
–
ps
133 MHz
50
–
85
–
245.76 MHz
45
–
60
–
tjit(per)
50 MHz
60
4
76
7
ps
133 MHz
55
5
84
11
245.76 MHz
55
5
72
8
tjit(phase)
50 MHz
730
90
840
115
ps
133 MHz
930
130
1310
175
245.76 MHz
720
90
930
125
(1)
All typical and maximum values are at VCC = 3.3 V, temperature = 25°C, Vccout = 3.3 V; one output is switching, data taken over several
10000 cycles.
Figure 26, Figure 27, and Figure 28 show the relationship between cycle-to-cycle jitter, period jitter, and phase
jitter over 10000 samples. The jitter varies with a smaller or wider sample window. The cycle-to-cycle jitter and
period jitter show the measured value whereas the phase jitter is the accumulated period jitter.
Cycle-to-Cycle jitter (tjit(cc)) is the variation in cycle time of a clock signal between adjacent cycles, over a random
sample of adjacent cycle pairs. Cycle-to-cycle jitter will never be greater than the period jitter. It is also known as
adjacent cycle jitter.
29
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com