Electronic Components Datasheet Search
  English  ▼

X  

OPA692 Datasheet(PDF) 17 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA692
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA692 Datasheet(HTML) 17 Page - Burr-Brown (TI)

Back Button OPA692 Datasheet HTML 13Page - Burr-Brown (TI) OPA692 Datasheet HTML 14Page - Burr-Brown (TI) OPA692 Datasheet HTML 15Page - Burr-Brown (TI) OPA692 Datasheet HTML 16Page - Burr-Brown (TI) OPA692 Datasheet HTML 17Page - Burr-Brown (TI) OPA692 Datasheet HTML 18Page - Burr-Brown (TI) OPA692 Datasheet HTML 19Page - Burr-Brown (TI) OPA692 Datasheet HTML 20Page - Burr-Brown (TI) OPA692 Datasheet HTML 21Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
www.ti.com
1/3
OPA3693
+5V
DIS
R
O
50W
V
O
RF
300W
R
G
300W
R
M
50W
-5V
V
I
1/3
OPA3693
Open
V /2
S
V
O
60.4W
100W
50
Source
W
604W
604W
R
G
300W
R
F
300W
+
6.8 F
m
0.1 F
m
V
I
DIS
1000pF
+5V
V
S
WIDEBAND UNITY-GAIN BUFFER WITH
2
1
0
-1
-2
-3
-4
-5
-6
10
100
1000
Frequency(MHz)
G=+1,Figure43
G=+1,Figure47
OPA3693
SBOS353 – DECEMBER 2006
While
the
circuit
of
Figure
45
shows
+5V
The input impedance is still set by RM as the
single-supply operation, this same circuit may be
apparent impedance looking into RG is very high. RM
used for single supplies ranging as high as +12V
may be increased to show a higher input impedance,
nominal. The noninverting input bias resistors are
but larger values begin to impact dc output offset
relatively low in Figure 45 to minimize output dc
voltage.
offset as a result of noninverting input bias current.
At higher signal-supply voltage, these resistors
should be increased to limit the added supply current
drawn through this path.
Figure 46 shows the AC-coupled, G = +1V/V,
single-supply specification and test circuit. In this
case, the gain setting resistor, RG, is simply left open
to get a gain of +1V for ac signals. Once again, the
noninverting input is dc biased at midsupply, putting
that same VS/2 at the output pin. The signal is
AC-coupled
into
this
midpoint
with
an
added
termination resistor on the source side of the
blocking capacitor.
Figure 47. Improved Unity-Gain Buffer
This circuit creates an additional input offset voltage
as the difference in the two input bias currents times
the impedance to ground at VI. Figure 48 shows a
comparison of small-signal frequency response for
the unity-gain buffer of Figure 43 compared to the
improved approach shown in Figure 47.
Figure 46. AC-Coupled, G = +1V/V, Single-Supply
Specification and Test Circuit
IMPROVED FLATNESS
As shown in the Typical Characteristic curves, the
unity-gain buffer configuration of Figure 43 illustrates
a peaking in the frequency response exceeding 2dB.
This
configuration
gives
the
slight
amount
of
Figure 48. Buffer Frequency Response
Comparison
overshoot and ringing apparent in the gain of +1V/V
pulse response curves. A similar circuit that holds a
flatter frequency response, giving improved pulse
fidelity, is shown in Figure 47. This circuit removes
the peaking by bootstrapping out any parasitic
effects on RG.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com