Electronic Components Datasheet Search
  English  ▼

X  

OPA692 Datasheet(PDF) 22 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA692
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA692 Datasheet(HTML) 22 Page - Burr-Brown (TI)

Back Button OPA692 Datasheet HTML 18Page - Burr-Brown (TI) OPA692 Datasheet HTML 19Page - Burr-Brown (TI) OPA692 Datasheet HTML 20Page - Burr-Brown (TI) OPA692 Datasheet HTML 21Page - Burr-Brown (TI) OPA692 Datasheet HTML 22Page - Burr-Brown (TI) OPA692 Datasheet HTML 23Page - Burr-Brown (TI) OPA692 Datasheet HTML 24Page - Burr-Brown (TI) OPA692 Datasheet HTML 25Page - Burr-Brown (TI) OPA692 Datasheet HTML 26Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
www.ti.com
DISTORTION PERFORMANCE
OPA3693
SBOS353 – DECEMBER 2006
OPA3693 can be very susceptible to decreased
configuration it is just RF (see Figure 44). Also,
stability and may give closed-loop response peaking
providing an additional supply decoupling capacitor
when a capacitive load is placed directly on the
(0.01
µF) between the supply pins (for bipolar
output pin. When the amplifier open-loop output
operation) improves the 2nd-order distortion slightly
resistance
is
considered,
this
capacitive
load
(3dB to 6dB).
introduces an additional pole in the signal path that
The OPA3693 has an extremely low 3rd-order
can decrease the phase margin. Several external
harmonic distortion. This feature also produces a
solutions to this problem have been suggested.
high two-tone, 3rd-order intermodulation intercept.
When the primary considerations are frequency
Two graphs for this intercept are given in the in the
response flatness, pulse response fidelity, and/or
Typical Characteristics; one for
±5V and one for +5V.
distortion, the simplest and most effective solution is
The lower curve shown in each graph is defined at
to isolate the capacitive load from the feedback loop
the 50
Ω load when driven through a 50Ω matching
by inserting a series isolation resistor between the
resistor, to allow direct comparisons to RF MMIC
amplifier output and the capacitive load. This resistor
devices. The higher curve in each graph shows the
does not eliminate the pole from the loop response,
intercept if the output is taken directly at the output
but rather shifts it and adds a zero at a higher
pin with a 500
Ω load, to allow prediction of the
frequency. The additional zero acts to cancel the
3rd-order spurious level when driving a lighter load,
phase lag from the capacitive load pole, thus
such as an ADC input. The output matching resistor
increasing the phase margin and improving stability.
attenuates the voltage swing from the output pin to
The Typical Characteristics show a Recommended
the load by 6dB. If the OPA3693 drives directly into
RS vs Capacitive Load curve (Figure 15) to help the
the input of a high-impedance device, such as an
designer pick a value to give < 0.5dB peaking to the
ADC, this 6dB attenuation is not taken and the
load. The resulting frequency response curves show
intercept increases, as shown in the 500
Ω load
a 0.5dB peaked response for several selected
typical characteristic.
capacitive
loads
and
recommended
RS
The intercept is used to predict the intermodulation
combinations. Parasitic capacitive loads greater than
spurious levels for two closely-spaced frequencies. If
2pF can begin to degrade the performance of the
the two test frequencies (f1 and f2) are specified in
OPA3693. Long PCB traces, unmatched cables, and
terms of average and delta frequency, fO = (f1 + f2)/2
connections to other amplifier inputs can easily
and
∆f = |f2 – f1|/2, then the two, 3rd-order, close-in
exceed this value. Always consider this effect
spurious tones appear at fO ±3 × ∆f. The difference
carefully, and add the recommended series resistor
between two equal test tone power levels and these
as close as possible to the OPA3693 output pin (see
intermodulation spurious power levels is given by
the Board Layout Guidelines section).
∆dBc = 2 × (IM3 – P
O), where IM3 is the intercept
The criterion for setting this RS resistor is a maximum
taken from the Typical Characteristics and PO is the
bandwidth, flat frequency response at the load
power level in dBm at the 50
Ω load for one of the
(< 0.5dB peaking). For the OPA3693 operating at a
two closely-spaced test frequencies. For instance, at
gain of +2V/V, the frequency response at the output
50MHz, the OPA3693 at a gain of +2 has an
pin is very flat to begin with, allowing relatively small
intercept of 47dBm at a matched 50
Ω load. If the full
values of RS to be used for low capacitive loads.
envelope of the two frequencies needs to be 2VPP at
this load, this requires each tone to be 4dBm (1VPP).
The 3rd-order intermodulation spurious tones will
then be 2
× (47 – 4) = 83dBc below the test tone
The OPA3693 provides good distortion performance
power level (–79dBm). If this same 2VPP two-tone
into a 100
Ω load on ±5V supplies. Relative to
envelope were delivered directly into a lighter 500
Ω
alternative solutions, the OPA3693 holds much lower
load, the intercept would increase to the 48dBm
distortion at higher frequencies (> 20MHz) than
shown in the Typical Characteristics. With the same
alternative solutions. Generally, until the fundamental
output signal and gain conditions, but now driving
signal reaches very high-frequency or power levels,
directly into a light load with no matching loss, the
the 2nd-harmonic dominates the distortion with a
3rd-order spurious tones will then be at least 2
× (48
negligible 3rd-harmonic component. Focusing then
– 4) = 92dBc below the 4dBm test tone power levels
on the 2nd-harmonic, increasing the load impedance
centered on 50MHz (–88dBm). We are still using a
improves distortion directly. Remember that the total
4dBm for the 1VPP output swing into this 500Ω load.
load
includes
the
feedback
network—in
the
While not strictly correct from a power standpoint,
noninverting configuration (see Figure 42), this value
this does give the correct prediction for spurious
is the sum of RF + RG, while in the inverting
level. The class AB output stage for the OPA3693 is
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com