Electronic Components Datasheet Search
  English  ▼

X  

OPA692 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA692
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA692 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button OPA692 Datasheet HTML 7Page - Burr-Brown (TI) OPA692 Datasheet HTML 8Page - Burr-Brown (TI) OPA692 Datasheet HTML 9Page - Burr-Brown (TI) OPA692 Datasheet HTML 10Page - Burr-Brown (TI) OPA692 Datasheet HTML 11Page - Burr-Brown (TI) OPA692 Datasheet HTML 12Page - Burr-Brown (TI) OPA692 Datasheet HTML 13Page - Burr-Brown (TI) OPA692 Datasheet HTML 14Page - Burr-Brown (TI) OPA692 Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
www.ti.com
1.0
0.5
0
-
0.5
-
1.0
AmbientTemperature( C)
°
-
50
-
25
0
25
50
75
100
125
16
8
0
-
8
-
16
V
IO
I
B+
I
(internal)
B-
6
5
4
3
2
1
0
2.0
3.0
3.5
4.5
5.5
2.5
4.0
5.0
6.5
6.0
SupplyVoltages( V)
±
Input
Output
Time(500ns/div)
7
6
5
4
3
2
1
0
-1
-2
-3
G=+2
V
=1V
IN
DC
R =100W
L
SeeFigure36
V
OUT
V
DIS
dG
0.12
0.10
0.08
0.06
0.04
0.02
0
Numberof150
Loads
W
1
2
3
4
dP
dP
1/3
OPA3693
VideoIn
VideoLoads
-5V
+5V
DIS
Optional
1.0kW
Pull-Down
75W
NoPull-Down
With1.0kPull-Down
dG
0
-10
-20
-30
-40
-50
-60
-70
Frequency(Hz)
10M
1G
100M
G= 1
SeeFigure44
-
G=+2
SeeFigure42
0
-10
-20
-30
-40
-50
-60
-70
Frequency(Hz)
10M
1G
100M
G=+2
SeeFigure42
withoutTrimCapacitor
withTrimCapacitor
OPA3693
SBOS353 – DECEMBER 2006
TYPICAL CHARACTERISTICS:
±5V (continued)
At G = +2 (–IN grounded) and R
L = 100Ω, unless otherwise noted.
COMMON-MODE INPUT AND OUTPUT SWING vs
TYPICAL DC DRIFT OVER TEMPERATURE
SUPPLY VOLTAGE
Figure 25.
Figure 26.
COMPOSITE VIDEO dG/dP
LARGE-SIGNAL DISABLE/ENABLE RESPONSE
Figure 27.
Figure 28.
INPUT RETURN LOSS vs FREQUENCY (S11)
OUTPUT RETURN LOSS vs FREQUENCY (S22)
Figure 29.
Figure 30.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com