Electronic Components Datasheet Search
  English  ▼

X  

OPA692 Datasheet(PDF) 20 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA692
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA692 Datasheet(HTML) 20 Page - Burr-Brown (TI)

Back Button OPA692 Datasheet HTML 16Page - Burr-Brown (TI) OPA692 Datasheet HTML 17Page - Burr-Brown (TI) OPA692 Datasheet HTML 18Page - Burr-Brown (TI) OPA692 Datasheet HTML 19Page - Burr-Brown (TI) OPA692 Datasheet HTML 20Page - Burr-Brown (TI) OPA692 Datasheet HTML 21Page - Burr-Brown (TI) OPA692 Datasheet HTML 22Page - Burr-Brown (TI) OPA692 Datasheet HTML 23Page - Burr-Brown (TI) OPA692 Datasheet HTML 24Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
www.ti.com
1/3
OPA3693
300W
300W
100W
V
1
1/3
OPA3693
300W
300W
100W
V
2
1/3
OPA3693
300W
300W
100W
V
3
Selection
Logic
ADS828 10-Bit
75MSPS
0.1 F
m
0.1 F
m
4.99kW
0.1 F
m
4.99kW
0.1 F
m
100pF
REFT
+3.5V
REFB
+1.5V
+In
-
In
CM
+5V
1/3
OPA3693
300W
300W
120pF
82pF
220pF
22pF
68pF
47.5W
124W
1/3
OPA3693
300W
56pF
110W
255W
300W
1/3
OPA3693
300W
300W
180pF
48.7W
95.3W
49.9W
V
OUT
V
IN
20
-0
-20
-40
-60
-80
-100
Frequency(MHz)
1
1000
3
10
30
100
300
7TH-ORDERBUTTERWORTH
FILTERRESPONSE
OPA3693
SBOS353 – DECEMBER 2006
Figure 53. Multiplexed Converter Driver
Figure 54. 7th-Order Butterworth Filter
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com