Electronic Components Datasheet Search
  English  ▼

X  

OPA692 Datasheet(PDF) 14 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA692
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA692 Datasheet(HTML) 14 Page - Burr-Brown (TI)

Back Button OPA692 Datasheet HTML 10Page - Burr-Brown (TI) OPA692 Datasheet HTML 11Page - Burr-Brown (TI) OPA692 Datasheet HTML 12Page - Burr-Brown (TI) OPA692 Datasheet HTML 13Page - Burr-Brown (TI) OPA692 Datasheet HTML 14Page - Burr-Brown (TI) OPA692 Datasheet HTML 15Page - Burr-Brown (TI) OPA692 Datasheet HTML 16Page - Burr-Brown (TI) OPA692 Datasheet HTML 17Page - Burr-Brown (TI) OPA692 Datasheet HTML 18Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
www.ti.com
-55
-60
-65
-70
-75
-80
-85
Frequency(MHz)
0.5
50
1
10
3rd-Harmonic
2nd-Harmonic
G=+2V/V
R =100
V =2V
L
O
PP
W
0
-20
-40
-60
-80
-100
-120
OutputVoltage(V )
PP
0.1
10
1
G=+2V/V
R =100
f=10MHz
L
W
3rd-Harmonic
2nd-Harmonic
-55
-60
-65
-70
-75
-80
LoadResistance( )
W
50
500
100
3rd-Harmonic
2nd-Harmonic
G=+2V/V
f=10MHz
50
45
40
35
30
25
15
Frequency(MHz)
0
300
50
100
150
200
20
250
R =500W
L
R =100W
L
300W
50W
1/3
OPA3693
P
I
300W
50W
P
O
50W
300W
1/3
OPA3693
P
I
300W
50W
P
O
500W
OPA3693
SBOS353 – DECEMBER 2006
TYPICAL CHARACTERISTICS: +5V (continued)
At G = +2V/V (–IN grounded) and R
L = 100Ω to VS/2, unless otherwise noted.
HARMONIC DISTORTION vs FREQUENCY (G = +2)
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 38.
Figure 39.
HARMONIC DISTORTION vs LOAD RESISTANCE
2-TONE, 3RD-ORDER INTERMODULATION INTERCEPT
Figure 40.
Figure 41.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com