Electronic Components Datasheet Search
  English  ▼

X  

OPA692 Datasheet(PDF) 26 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA692
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA692 Datasheet(HTML) 26 Page - Burr-Brown (TI)

Back Button OPA692 Datasheet HTML 22Page - Burr-Brown (TI) OPA692 Datasheet HTML 23Page - Burr-Brown (TI) OPA692 Datasheet HTML 24Page - Burr-Brown (TI) OPA692 Datasheet HTML 25Page - Burr-Brown (TI) OPA692 Datasheet HTML 26Page - Burr-Brown (TI) OPA692 Datasheet HTML 27Page - Burr-Brown (TI) OPA692 Datasheet HTML 28Page - Burr-Brown (TI) OPA692 Datasheet HTML 29Page - Burr-Brown (TI) OPA692 Datasheet HTML 30Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
www.ti.com
INPUT AND ESD PROTECTION
External
Pin
+V
CC
-VCC
Internal
Circuitry
OPA3693
SBOS353 – DECEMBER 2006
noninverting input termination resistors, should also
e) Socketing a high-speed part such as the
be placed close to the package. Good axial metal
OPA3693 is not recommended. The additional lead
film or surface-mount resistors have approximately
length and pin-to-pin capacitance introduced by the
0.2pF in shunt with the resistor. For resistor values >
socket
can
create
an
extremely
troublesome
2.0k
Ω, this parasitic capacitance can add a pole
parasitic
network,
which
can
make
it
almost
and/or zero below 400MHz that can effect circuit
impossible to achieve a smooth, stable frequency
operation. Keep resistor values as low as possible
response. Best results are obtained by soldering the
consistent with load driving considerations.
OPA3693 directly onto the board.
d) Connections to other wideband devices on the
PCB may be made with short direct traces or through
onboard transmission lines. For short connections,
The OPA3693 is built using a very high-speed
consider the trace and the input to the next device as
complementary bipolar process. The internal junction
a lumped capacitive load. Relatively wide traces
breakdown voltages are relatively low for these very
(50mils to 100mils) should be used, preferably with
small geometry devices. These breakdowns are
ground and power planes opened up around them.
reflected in the Absolute Maximum Ratings table. All
Estimate the total capacitive load and set RS from
device
pins
are
protected
with
internal
ESD
the plot of Recommended RS vs Capacitive Load
protection diodes to the power supplies, as shown in
(Figure 15). Low parasitic capacitive loads (< 4pF)
Figure 59.
may not need an RS since the OPA3693 is nominally
compensated to operate with a 2pF parasitic load. If
a long trace is required, and the 6dB signal loss
intrinsic to a doubly-terminated transmission line is
acceptable,
implement
a
matched
impedance
transmission
line
using
microstrip
or
stripline
techniques (consult an ECL design handbook for
microstrip and stripline layout techniques). A 50
Ω
environment is normally not necessary on board, and
in fact, a higher impedance environment improves
Figure 59. Internal ESD Protection
distortion, as shown in the distortion versus load
plots. With a characteristic board trace impedance
defined
based
on
board
material
and
trace
These diodes provide moderate protection to input
dimensions, a matching series resistor into the trace
overdrive voltages above the supplies as well. The
from the output of the OPA3693 is used, as well as a
protection
diodes
can
typically
support
30mA
terminating shunt resistor at the input of
the
continuous
current.
Where
higher
currents
are
destination
device.
Remember
also
that
the
possible (for example, in systems with
±15V supply
terminating impedance is the parallel combination of
parts driving into the OPA3693), current limiting
the shunt resistor and the input impedance of the
series resistors may be added on the noninverting
destination device; this total effective impedance
input. Keep this resistor value as low as possible
should be set to match the trace impedance. If the
since high values degrade both noise performance
6dB attenuation of a doubly-terminated transmission
and frequency response. The inverting input already
line
is
unacceptable,
a
long
trace
can
be
has a 300
Ω resistor from the external pin to the
series-terminated at the source end only. Treat the
internal summing junction for the op amp. This
trace as a capacitive load in this case and set the
resistor provides considerable protection for that
series resistor value as illustrated in the plot of
node.
Figure 15. This configuration does not preserve
signal integrity as well as a doubly-terminated line. If
the input impedance of the destination device is low,
there will be some signal attenuation due to the
voltage divider formed by the series output into the
terminating impedance.
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com