Electronic Components Datasheet Search
  English  ▼

X  

OPA692 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA692
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA692 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA692 Datasheet HTML 6Page - Burr-Brown (TI) OPA692 Datasheet HTML 7Page - Burr-Brown (TI) OPA692 Datasheet HTML 8Page - Burr-Brown (TI) OPA692 Datasheet HTML 9Page - Burr-Brown (TI) OPA692 Datasheet HTML 10Page - Burr-Brown (TI) OPA692 Datasheet HTML 11Page - Burr-Brown (TI) OPA692 Datasheet HTML 12Page - Burr-Brown (TI) OPA692 Datasheet HTML 13Page - Burr-Brown (TI) OPA692 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
www.ti.com
65
60
55
50
45
40
35
30
25
20
Frequency(Hz)
1k
10k
100k
1M
10M
100M
+PSRR
-PSRR
10
1
0.1
Frequency(Hz)
10k
100M
100k
1M
10M
1/3
OPA3693
300W
+5V
-5V
300W
50W
Z
O
44
42
40
38
36
34
32
30
140
135
130
125
120
115
110
105
Temperature( C)
°
-50
-25
0
25
50
75
100
125
SupplyCurrent
LeftScale
SinkingOutputCurrent
RightScale
SourcingOutputCurrent
RightScale
5
4
3
2
1
0
-1
-2
-3
-4
-5
-250 -200 -150 -100 -50
0
250
200
150
100
50
I (mA)
O
1WInternalPowerBoundary
Single-Channel
1WInternal
PowerBoundary
Single-Channel
100
LoadLine
W
50
LoadLine
W
20
LoadLine
W
Time(50ns/div)
6
4
2
0
-2
-4
-6
G=+2
R =100W
L
SeeFigure42
Input
Output
Time(50ns/div)
6
4
2
0
-2
-4
-6
G= 1
-
R =100W
L
SeeFigure44
Input
Output
OPA3693
SBOS353 – DECEMBER 2006
TYPICAL CHARACTERISTICS:
±5V (continued)
At G = +2 (–IN grounded) and R
L = 100Ω, unless otherwise noted.
PSRR vs FREQUENCY
CLOSED-LOOP OUTPUT IMPEDANCE
Figure 19.
Figure 20.
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Figure 21.
Figure 22.
NONINVERTING OVERDRIVE RECOVERY
INVERTING OVERDRIVE RECOVERY
Figure 23.
Figure 24.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com