Electronic Components Datasheet Search
  English  ▼

X  

OPA692 Datasheet(PDF) 23 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA692
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA692 Datasheet(HTML) 23 Page - Burr-Brown (TI)

Back Button OPA692 Datasheet HTML 19Page - Burr-Brown (TI) OPA692 Datasheet HTML 20Page - Burr-Brown (TI) OPA692 Datasheet HTML 21Page - Burr-Brown (TI) OPA692 Datasheet HTML 22Page - Burr-Brown (TI) OPA692 Datasheet HTML 23Page - Burr-Brown (TI) OPA692 Datasheet HTML 24Page - Burr-Brown (TI) OPA692 Datasheet HTML 25Page - Burr-Brown (TI) OPA692 Datasheet HTML 26Page - Burr-Brown (TI) OPA692 Datasheet HTML 27Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
www.ti.com
GAIN ACCURACY AND LINEARITY
0.0200
0.0175
0.0150
0.0125
0.0100
0.0075
0.0050
0.0025
0
V (peak-to-peak)
O
2
3
4
5
6
7
8
Figure42TestCircuit
R =100W
L
R =500W
L
NOISE PERFORMANCE
700
600
500
400
300
200
100
0
Gain(V/V)
Mean=1.9883
=0.0967
s
4kT
R
G
R
G
R
F
R
S
1/3
OPA3693
I
BI
E
O
I
BN
4kT=1.6E
20J
-
at290K
E
RS
E
NI
4kTR
S
4kTR
F
OPA3693
SBOS353 – DECEMBER 2006
much
more
voltage-swing-dependent
on
output
distortion than strictly power-dependent. To use the
500
Ω intercept curve, use the single-tone voltage
swing as if it were driving a 50
Ω load to compute the
PO used in the intercept equation.
The OPA3693 provides improved absolute gain
accuracy and dc linearity over earlier fixed gain of
two line drivers. Operating at a gain of +2V/V by
tying the –IN pin to ground, the OPA3693 shows a
maximum gain error of
±1% at +25°C. The dc gain
therefore lies between 1.98V/V and 2.02V/V at room
temperature. Over the specified temperature ranges,
this gain tolerance expands only slightly due to the
Figure 56. DC Linearity vs Output Swing and
matched temperature drift for RF and RG. Achieving
Loads
this gain accuracy requires a very low impedance
ground at –IN. Typical production lots show a much
tighter distribution in gain than this
±1% specification.
Figure 55 shows a typical distribution in measured
gain at the gain of +2V/V configuration, in this case
The OPA3693 offers an excellent balance between
showing a slight drop in the mean (0.25%) from the
voltage and current noise terms to achieve a low
nominal but with a very tight distribution.
output noise under a variety of operating conditions.
The inverting node noise current (internal) appears at
the output multiplied by the relatively low 300
Ω
feedback
resistor.
The
input
noise
voltage
(1.8nV/
√Hz) is extremely low for a unity-gain stable
amplifier. This low input voltage noise was achieved
at the price of higher noninverting input current noise
(17.8pA/
√Hz). As long as the ac source impedance
looking out of the noninverting input is less than
100
Ω, this current noise does not contribute
significantly to the total output noise. The op amp
input voltage noise and the two input current noise
terms combine to give low output noise for the each
of the three gain settings available using the
OPA3693. Figure 57 shows the op amp noise
analysis model with all of the noise terms included.
In this model, all noise terms are taken to be noise
voltage or current density terms in either nV/
√Hz or
pA/
√Hz.
Figure 55. Typical +2V/V Gain Distribution
The exceptionally linear output stage (as illustrated
by the high 3rd-order intermodulation intercept) and
low thermal gradient induced errors for the OPA3693
give an extremely linear output over large voltage
swings and heavy loads. Figure 56 shows the tested
deviation (in % of peak-to-peak) from linearity for a
range of symmetrical output swings and loads. Below
4VPP, for either a 100Ω or a 500Ω load, the
OPA3693 delivers greater than 14-bit linear output
response.
Figure 57. Op Amp Noise Model
23
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com