Electronic Components Datasheet Search
  English  ▼

X  

OPA692 Datasheet(PDF) 19 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA692
Description  Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA692 Datasheet(HTML) 19 Page - Burr-Brown (TI)

Back Button OPA692 Datasheet HTML 15Page - Burr-Brown (TI) OPA692 Datasheet HTML 16Page - Burr-Brown (TI) OPA692 Datasheet HTML 17Page - Burr-Brown (TI) OPA692 Datasheet HTML 18Page - Burr-Brown (TI) OPA692 Datasheet HTML 19Page - Burr-Brown (TI) OPA692 Datasheet HTML 20Page - Burr-Brown (TI) OPA692 Datasheet HTML 21Page - Burr-Brown (TI) OPA692 Datasheet HTML 22Page - Burr-Brown (TI) OPA692 Datasheet HTML 23Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
www.ti.com
HIGH-SPEED INSTRUMENTATION
MULTIPLEXED CONVERTER DRIVER
LOW-PASS FILTER
1/3
OPA3693
1/3
OPA3693
1/3
OPA3693
300W
300W
300W
300W
300W
150W
150W
300W
V
2
V
OUT
V
1
9
6
3
0
-3
-6
-9
-12
-15
Frequency(Hz)
1
1G
10M
100M
20log
VOUT
|V
V
-
|
1
2
OPA3693
SBOS353 – DECEMBER 2006
AMPLIFIER
The converter driver in Figure 53 multiplexes among
Figure 51 shows an instrumentation amplifier based
the three input signals. The OPA3693 enable and
on the OPA3693. The offset matching between
disable times support multiplexing among video
inputs makes this configuration an attractive input
signals.
The
make-before-break
disable
stage
for
this
application.
The
characteristic of the OPA3693 ensures that the
differential-to-single-ended gain for this circuit is
output is always under control. To avoid large
2V/V. The inputs are high-impedance, with only
switching glitches, switch during the sync or retrace
1.2pF to ground at each input. The loads on the
portions of the video signal—the two inputs should
OPA3693 outputs are equal for the best harmonic
be almost equal at these times. The output is always
distortion possible.
under control, so the switching glitches for two 0V
inputs are < 20mV. With standard video signals
levels at the inputs, the maximum differential voltage
across the disabled inputs does not exceed the
±1.2V maximum allowed.
The output resistors isolate the outputs from each
other
when
switching
between
channels.
The
feedback network of the disabled channels forms
part of the load seen by the enabled amplifier,
attenuating the signal slightly.
The
circuit
in
Figure
54
realizes
a
7th-order
Butterworth low-pass filter with a –3dB bandwidth of
20MHz. This filter is based on the KRC active filter
Figure 51. High-Speed Instrumentation Amplifier
topology that uses an amplifier with the fixed gain
≥
1. The OPA3693 makes a good amplifier for this type
of filter. The component values have been adjusted
As shown in Figure 52, the OPA3693 used as an
to compensate for the parasitic effects of the op
instrumentation amplifier has a
420MHz,
–3dB
amp.
bandwidth. This plot has been made for a 1VPP
output signal using a low-impedance differential input
source.
Figure 52. High-Speed Instrumentation Amplifier
Response
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com