Electronic Components Datasheet Search
  English  ▼

X  

PCF2105MU Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PCF2105MU
Description  LCD controller/driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2105MU Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PCF2105MU Datasheet HTML 37Page - NXP Semiconductors PCF2105MU Datasheet HTML 38Page - NXP Semiconductors PCF2105MU Datasheet HTML 39Page - NXP Semiconductors PCF2105MU Datasheet HTML 40Page - NXP Semiconductors PCF2105MU Datasheet HTML 41Page - NXP Semiconductors PCF2105MU Datasheet HTML 42Page - NXP Semiconductors PCF2105MU Datasheet HTML 43Page - NXP Semiconductors PCF2105MU Datasheet HTML 44Page - NXP Semiconductors PCF2105MU Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Notes
1. X = don’t care.
2. SDA is left at high-impedance by the microcontroller during the READ acknowledge.
22
slave address for read
PHILIPS
during the acknowledge cycle the content of the DR is loaded
into the internal I2C-bus interface and to be shifted out; in the
previous instruction neither a ‘set address’ nor a ‘read data’ has
been performed; therefore the content of the DR was unknown
SA6
SA5
SA4
SA3
SA2
SA1
SA0
R/W
Ack
011101011
23
read data: 8
× SCL + master acknowledge; note 2
PHILIPS
8
× SCL; content loaded into interface during previous
acknowledge cycle and shifted out over SDA; MSB is DB7;
during master acknowledge content of DDRAM address 01 is
loaded into the I2C-bus interface
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Ack
XXXXXXXX
1
24
read data: 8
× SCL + master acknowledge; note 2
PHILIPS
8
× SCL; code of letter ‘H’ is read first; during master
acknowledge code of letter ‘I’ is loaded into the I2C-bus
interface
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Ack
010010000
25
read data: 8
× SCL + no master acknowledge; note 2
PHILIPS
no master acknowledge; after the content of the I2C-bus
interface register is shifted out no internal action is performed;
no new data is loaded to the interface register; DR is not
updated; AC is not incremented and cursor is not shifted
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Ack
010010011
26
I2C-bus stop
PHILIPS
STEP
INSTRUCTION
DISPLAY
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com