Electronic Components Datasheet Search
  English  ▼

X  

PCF2105MU Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCF2105MU
Description  LCD controller/driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2105MU Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCF2105MU Datasheet HTML 39Page - NXP Semiconductors PCF2105MU Datasheet HTML 40Page - NXP Semiconductors PCF2105MU Datasheet HTML 41Page - NXP Semiconductors PCF2105MU Datasheet HTML 42Page - NXP Semiconductors PCF2105MU Datasheet HTML 43Page - NXP Semiconductors PCF2105MU Datasheet HTML 44Page - NXP Semiconductors PCF2105MU Datasheet HTML 45Page - NXP Semiconductors PCF2105MU Datasheet HTML 46Page - NXP Semiconductors PCF2105MU Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
1998 Jul 30
43
Philips Semiconductors
Product specification
LCD controller/driver
PCF2105
Table 11 Initialization by instruction; 4-bit interface; not applicable for I2C-bus operation
STEP
DESCRIPTION
Power-on or unknown state
|
Wait 2 ms after VDD rises above VPOR
|
RS
R/W
DB7
DB6
DB5
DB4
BF cannot be checked before this instruction; function set (interface is 8-bits
long)
000011
|
Wait 2 ms
|
RS
R/W
DB7
DB6
DB5
DB4
BF cannot be checked before this instruction; function set (interface is 8-bits
long)
000011
|
Wait 40
µs
|
RS
R/W
DB7
DB6
DB5
DB4
BF cannot be checked before this instruction; function set (interface is 8-bits
long)
000011
|
|
|
BF can be checked after the following instructions; when BF is not checked,
the waiting time between instructions is the specified instruction time
(see Table 3)
RS
R/W
DB7
DB6
DB5
DB4
function set (set interface to 4-bits long); interface is 8-bits long
000010
RS
R/W
DB7
DB6
DB5
DB4
function set (interface is 4-bits long)
000010
RS
R/W
DB7
DB6
DB5
DB4
specify number of display lines and voltage generator characteristic
00
N
M
00
RS
R/W
DB7
DB6
DB5
DB4
display off
000000
001000
RS
R/W
DB7
DB6
DB5
DB4
clear display
000000
001000
RS
R/W
DB7
DB6
DB5
DB4
entry mode set
000000
0001
I/D
S
|
Initialization ends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com