Electronic Components Datasheet Search
  English  ▼

X  

PCF2105MU Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCF2105MU
Description  LCD controller/driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2105MU Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCF2105MU Datasheet HTML 31Page - NXP Semiconductors PCF2105MU Datasheet HTML 32Page - NXP Semiconductors PCF2105MU Datasheet HTML 33Page - NXP Semiconductors PCF2105MU Datasheet HTML 34Page - NXP Semiconductors PCF2105MU Datasheet HTML 35Page - NXP Semiconductors PCF2105MU Datasheet HTML 36Page - NXP Semiconductors PCF2105MU Datasheet HTML 37Page - NXP Semiconductors PCF2105MU Datasheet HTML 38Page - NXP Semiconductors PCF2105MU Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
1998 Jul 30
35
Philips Semiconductors
Product specification
LCD controller/driver
PCF2105
Table 6
Example of 4-bit operation; 1-line display; using internal reset
STEP
INSTRUCTION
DISPLAY
OPERATION
1
power supply on (PCF2105 is
initialized by the internal reset
circuit)
initialized; no display appears
2
function set
sets to 4-bit operation; in this instance operation is handled
as 8-bits by initialization and only this instruction completes
with one write
RS
R/W DB7 DB6 DB5 DB4
000010
3
function set
RS
R/W DB7 DB6 DB5 DB4
000010
sets to 4-bit operation; selects 2
× 12 display
000000
4-bit operation starts from this point and resetting is needed
4
display control
RS
R/W DB7 DB6 DB5 DB4
000000
_
turns display and cursor on
001110
entire display is blank after initialization
5
entry mode set
RS
R/W DB7 DB6 DB5 DB4
000000
_
sets mode to increment the address by 1 and to shift the
cursor to the right at the time of write to the
DDRAM or CGRAM
000110
display is not shifted
6
write data to CGRAM or DDRAM
RS
R/W DB7 DB6 DB5 DB4
101101
P_
writes ‘P’; the DDRAM has already been selected by
initialization at power-on
100110
the cursor is incremented by 1 and shifted to the right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com