Electronic Components Datasheet Search
  English  ▼

X  

PCF2105MU Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF2105MU
Description  LCD controller/driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2105MU Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF2105MU Datasheet HTML 3Page - NXP Semiconductors PCF2105MU Datasheet HTML 4Page - NXP Semiconductors PCF2105MU Datasheet HTML 5Page - NXP Semiconductors PCF2105MU Datasheet HTML 6Page - NXP Semiconductors PCF2105MU Datasheet HTML 7Page - NXP Semiconductors PCF2105MU Datasheet HTML 8Page - NXP Semiconductors PCF2105MU Datasheet HTML 9Page - NXP Semiconductors PCF2105MU Datasheet HTML 10Page - NXP Semiconductors PCF2105MU Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
1998 Jul 30
7
Philips Semiconductors
Product specification
LCD controller/driver
PCF2105
8.8
Display Data RAM (DDRAM)
The DDRAM stores up to 80 characters of display data,
represented by 8-bit character codes. DDRAM locations
not used for storing display data can be used as general
purpose RAM. The basic DDRAM-to-display mapping
scheme is shown in Fig.2. With no display shift, the
characters represented by the codes in the first
12 or 24 DDRAM locations, starting at address 00 in
line 1, are displayed. Subsequent lines display data
starting at addresses 20, 40, or 60 hexadecimal (hex).
Figures 3 and 4 show the DDRAM-to-display mapping
scheme when the display is shifted.
The address range for a 1-line display is 00 to 4F; for a
2-line display from 00 to 27 (line 1) and 40 to 67 (line 2);
for a 4-line display from 00 to 13, 20 to 33, 40 to 53 and
60 to 73 for lines 1, 2, 3 and 4 respectively. For 2 and
4-line displays the end address of one line and the start
address of the next line are not successive. When the
display is shifted each line wraps around independently of
the others (see Figs 3 and 4).
When data is written to the DDRAM, wrap-around occurs
from 4F to 00 in 1-line display and from 27 to 40 and
67 to 00 in 2-line display; from 13 to 20, 33 to 40, 53 to 60
and 73 to 00 in 4-line display.
8.9
Character Generator ROM (CGROM)
The CGROM generates 240 character patterns in 5
× 8
dot format from 8-bit character codes. Figure 5 shows the
character set currently available.
8.10
Character Generator RAM (CGRAM)
Up to 16 user-defined characters may be stored in the
CGRAM. The CGROM and CGRAM use a common
address space, of which the first column is reserved for the
CGRAM (see Fig.5). Figure 6 shows the addressing
principle for the CGRAM.
8.11
Cursor control circuit
The cursor control circuit generates the cursor (underline
and/or character blink as shown in Fig.7) at the DDRAM
address contained in the address counter. When the
address counter contains the CGRAM address the cursor
will be inhibited.
8.12
Timing generator
The timing generator produces the various signals
required to drive the internal circuitry. Internal chip
operation is not disturbed by operations on the data buses.
8.13
LCD row and column drivers
The PCF2105 contains 32 row drivers and 60 column
drivers. They connect the appropriate LCD bias voltages in
sequence to the display, in accordance with the data to be
displayed. The bias voltages and the timing are selected
automatically when the number of lines in the display is
selected. Figures 8 and 9 show typical waveforms.
In the 1-line display (MUX rate 1 : 16), the row outputs are
driven in pairs, for example R1/R17 and R2/R18.
This allows the output pairs to be connected in parallel,
thereby providing greater drive capability.
Unused outputs should be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com