Electronic Components Datasheet Search
  English  ▼

X  

PCF2105MU Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF2105MU
Description  LCD controller/driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2105MU Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF2105MU Datasheet HTML 22Page - NXP Semiconductors PCF2105MU Datasheet HTML 23Page - NXP Semiconductors PCF2105MU Datasheet HTML 24Page - NXP Semiconductors PCF2105MU Datasheet HTML 25Page - NXP Semiconductors PCF2105MU Datasheet HTML 26Page - NXP Semiconductors PCF2105MU Datasheet HTML 27Page - NXP Semiconductors PCF2105MU Datasheet HTML 28Page - NXP Semiconductors PCF2105MU Datasheet HTML 29Page - NXP Semiconductors PCF2105MU Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
1998 Jul 30
26
Philips Semiconductors
Product specification
LCD controller/driver
PCF2105
12 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
13 HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices (see
“Handling MOS Devices” ).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
logic supply voltage
−0.5
+8.0
V
VLCD
LCD supply voltage
VDD − 11
VDD
V
VI(n)
input voltage on pads OSC, RS, R/W, E and DB0 to DB7
VSS − 0.5
VDD + 0.5
V
VO(n)
output voltage on pads R1 to R32, C1 to C60 and VLCD
VLCD − 0.5 VDD + 0.5
V
II(n)
DC input current on every pad
−10
+10
mA
IO(n)
DC output current on every pad
−10
+10
mA
In
current on VDD,VSS and VLCD
−50
+50
mA
Ptot
total power dissipation
−
400
mW
P/out
power dissipation per output
−
100
mW
Tstg
storage temperature
−65
+150
°C
Fig.22 Master reads slave immediately after first byte; read mode (RS previously defined).
handbook, full pagewidth
MGK850
S
A
0
S
1A
DATA
A
1 P
SLAVE
ADDRESS
DATA
acknowledgement
from PCF2105
no acknowledgement
from master
R/W
n bytes
last byte
update
data pointer
acknowledgement
from master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com