Electronic Components Datasheet Search
  English  ▼

X  

PCF2105MU Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF2105MU
Description  LCD controller/driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2105MU Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF2105MU Datasheet HTML 18Page - NXP Semiconductors PCF2105MU Datasheet HTML 19Page - NXP Semiconductors PCF2105MU Datasheet HTML 20Page - NXP Semiconductors PCF2105MU Datasheet HTML 21Page - NXP Semiconductors PCF2105MU Datasheet HTML 22Page - NXP Semiconductors PCF2105MU Datasheet HTML 23Page - NXP Semiconductors PCF2105MU Datasheet HTML 24Page - NXP Semiconductors PCF2105MU Datasheet HTML 25Page - NXP Semiconductors PCF2105MU Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
1998 Jul 30
22
Philips Semiconductors
Product specification
LCD controller/driver
PCF2105
11 INTERFACE TO MICROCONTROLLER (I2C-BUS
INTERFACE)
11.1
Characteristics of the I2C-bus
The I2C-bus is for bidirectional, 2-line communication
between different ICs or modules. The 2 lines are a serial
data line (SDA) and a serial clock line (SCL). Both lines
must be connected to a positive supply via a pull-up
resistor. Data transfer may be initiated only when the bus
is not busy.
11.2
Bit transfer
One data bit is transferred during each clock pulse.
The data on the SDA line must remain stable during the
HIGH-level period of the clock pulse as changes in the
data line at this time will be interpreted as a control signal
(see Fig.16).
11.3
START and STOP conditions
Both data and clock lines remain HIGH when the bus is not
busy. A HIGH-to-LOW transition of the data line, while the
clock is HIGH is defined as the START condition (S).
A LOW-to-HIGH transition of the data line while the clock
is HIGH is defined as the STOP condition (P) (see Fig.17).
11.4
System configuration
A device generating a message is a transmitter, a device
receiving a message is the receiver. The device that
controls the message is the master and the devices which
are controlled by the master are the slaves (see Fig.18).
11.5
Acknowledge
The number of data bytes transferred between the START
and STOP conditions from transmitter to receiver is
unlimited. Each byte of 8 bits is followed by an
acknowledge bit. The acknowledge bit is a HIGH signal put
on the bus by the transmitter during which time the master
generates an extra acknowledge related clock pulse.
A slave receiver which is addressed must generate an
acknowledge after the reception of each byte. Also a
master receiver must generate an acknowledge after the
reception of each byte that has been clocked out of the
slave transmitter. The device that acknowledges must
pull-down the SDA line during the acknowledge clock
pulse, so that the SDA line is stable LOW during the HIGH
period of the acknowledge related clock pulse (set-up and
hold times must be taken into consideration). A master
receiver must signal an end of data to the transmitter by
not generating an acknowledge on the last byte that has
been clocked out of the slave. In this event the transmitter
must leave the data line HIGH to enable the master to
generate a STOP condition (see Fig.19).
11.6
I2C-bus protocol
Before any data is transmitted on the I2C-bus, the device
which should respond is addressed first. The addressing is
always carried out with the first byte transmitted after the
start procedure. The I2C-bus configuration for the different
PCF2105 read and write cycles is illustrated in
Figs 20, 21 and 22.
Fig.16 Bit transfer.
handbook, full pagewidth
MBC621
data line
stable;
data valid
change
of data
allowed
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com