Electronic Components Datasheet Search
  English  ▼

X  

PCF2105MU Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF2105MU
Description  LCD controller/driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2105MU Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF2105MU Datasheet HTML 12Page - NXP Semiconductors PCF2105MU Datasheet HTML 13Page - NXP Semiconductors PCF2105MU Datasheet HTML 14Page - NXP Semiconductors PCF2105MU Datasheet HTML 15Page - NXP Semiconductors PCF2105MU Datasheet HTML 16Page - NXP Semiconductors PCF2105MU Datasheet HTML 17Page - NXP Semiconductors PCF2105MU Datasheet HTML 18Page - NXP Semiconductors PCF2105MU Datasheet HTML 19Page - NXP Semiconductors PCF2105MU Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
1998 Jul 30
16
Philips Semiconductors
Product specification
LCD controller/driver
PCF2105
8.15
Programming of the MUX rate 1 : 32
With the MUX rate 1 : 32 the PCF2105 can be used in the
following ways:
• To drive a 2-line display of 24 characters, use instruction
‘function set’ to set bit M to logic 0 and bit N to logic 1
• To drive a 4-line display of 12 characters, use instruction
‘function set’ to set both bits M and N to logic 1.
8.16
Reset function
The PCF2105 automatically initializes (resets) when
power is turned on. The state after reset is given in Table 2
(see Tables 3 and 4 for the description of the bits).
Table 2
State after reset
9
INSTRUCTIONS
Only two PCF2105 registers, the Instruction Register (IR)
and the Data Register (DR) can be directly controlled by
the microcontroller. Before internal operation, control
information is stored temporarily in these registers to allow
interface to various types of microcontrollers which
operate at different speeds or to allow interfacing to
peripheral control ICs. The PCF2105 operation is
controlled by the instructions shown in Table 3 together
with their execution time. Details are explained in
subsequent sections.
STEP
DESCRIPTION
1
clear display
2
function set:
bit DL = 1: 8-bit interface
bits M and N = 0: 1-line display
bit G = 0: not used
3
display control:
bit D = 0: display off
bit C = 0: cursor off
bit B = 0: blink off
4
entry mode set:
bit I/D = 1: +1(increment)
bit G = 0: not used
5
default address pointer to DDRAM; the busy
flag indicates the busy state (BF = 1) until
initialization ends; the busy state lasts 2 ms;
the chip may also be initialized by software;
see Tables 10 and 11.
6I2C-bus interface reset
Instructions are of 4 categories, those that:
1. Designate PCF2105 functions such as display format,
data length, etc.
2. Set internal RAM addresses
3. Perform data transfer with internal RAM
4. Others.
In normal use, category 3 instructions are used most
frequently. However, automatic incrementing by 1 (or
decrementing by 1) of internal RAM addresses after each
data write lessens the microcontroller program load.
The display shift in particular can be performed
concurrently with display data write, thus enabling the
designer to develop systems in minimum time with
maximum programming efficiency.
During internal operation, no instruction other than the
‘read busy flag and address’ will be executed.
Because the busy flag is set to logic 1 while an instruction
is being executed, it is advisable to ensure that the flag is
set to logic 0 before sending the next instruction or wait for
the maximum instruction execution time, as given in
Table 3. An instruction sent while the busy flag is HIGH will
not be executed.
9.1
Clear display
‘Clear display’ writes space code 20 (hexadecimal) into all
DDRAM addresses (the character pattern for character
code 20 must be a blank pattern), sets the DDRAM
address counter to logic 0 and returns the display to its
original position if it was shifted. Consequently, the display
disappears and the cursor or blink position goes to the left
edge of the display (the first line if 2 or 4 lines are
displayed) and sets bit I/D of ‘entry mode set’ to logic 1
(increment mode). Bit S of ‘entry mode set’ does not
change.
The instruction ‘clear display’ requires extra execution
time. This may be allowed for checking the Busy Flag (BF)
or by waiting until 2 ms has elapsed. The latter must be
applied where no read-back options are available, as in
some Chip-On-Glass (COG) applications.
9.2
Return home
‘Return home’ sets the DDRAM address counter to logic 0
and returns the display to its original position if it was
shifted. DDRAM contents do not change. The cursor or
blink position goes to the left of the display (the first line if
2 or 4 lines are displayed). Bits I/D and S of ‘entry mode
set’ do not change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com