Electronic Components Datasheet Search
  English  ▼

X  

PCF2105MU Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF2105MU
Description  LCD controller/driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2105MU Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF2105MU Datasheet HTML 23Page - NXP Semiconductors PCF2105MU Datasheet HTML 24Page - NXP Semiconductors PCF2105MU Datasheet HTML 25Page - NXP Semiconductors PCF2105MU Datasheet HTML 26Page - NXP Semiconductors PCF2105MU Datasheet HTML 27Page - NXP Semiconductors PCF2105MU Datasheet HTML 28Page - NXP Semiconductors PCF2105MU Datasheet HTML 29Page - NXP Semiconductors PCF2105MU Datasheet HTML 30Page - NXP Semiconductors PCF2105MU Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
1998 Jul 30
27
Philips Semiconductors
Product specification
LCD controller/driver
PCF2105
14 DC CHARACTERISTICS
VDD = 2.5 to 6 V; VSS =0V; VLCD =VDD − 3.5 to VDD − 9 V; Tamb = −40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
logic supply voltage
2.5
−
6.0
V
VLCD
LCD supply voltage
VDD − 9
−
VDD − 3.5 V
IDD(ext)
external supply current
note 1
−
200
500
µA
VDD =5V; VOP =9V;
fosc = 150 kHz;
Tamb =25 °C
−
200
300
µA
VDD =3V; VOP =5V;
fosc = 150 kHz;
Tamb =25 °C
−
150
200
µA
II(LCD)
input current on VLCD
note 1
−
50
100
µA
VPOR
Power-on reset voltage level
note 2
−
1.3
1.8
V
Logic
VIL
LOW-level input voltage on pads E,
RS, R/W, DB7 to DB0 and SA0
VSS
−
0.3VDD
V
VIH
HIGH-level input voltage on pads E,
RS, R/W, DB7 to DB0 and SA0
0.7VDD
−
VDD
V
VIL(OSC)
LOW-level input voltage on pad OSC
VSS
−
VDD − 1.5 V
VIH(OSC)
HIGH-level input voltage on pad OSC
VDD − 0.1 −
VDD
V
Ipu
pull-up current on pads DB7 to DB0,
RS and R/W
pads set to logic 0 (VSS)
0.04
0.15
1.00
µA
IOL(DB)
LOW-level output current on
pads DB7 to DB0
VOL = 0.4 V; VDD =5V
1.6
−−
mA
IOH(DB)
HIGH-level output current on
pads DB7 to DB0
VOH =4V; VDD =5V
−1.0
−−
mA
IL
leakage current on pads DB7 to DB0,
OSC, E, RS, R/W and SA0
pads set to logic 0 (VSS)
or logic 1 (VDD)
−1
−
+1
µA
I2C-bus
SDA and SCL
VIL
LOW-level input voltage
note 3
VSS
−
0.3VDD
V
VIH
HIGH-level input voltage
note 3
0.7VDD
−
VDD
V
IL
leakage current
pads set to logic 0 (VSS)
or logic 1 (VDD)
−1
−
+1
µA
Ci
input capacitance
note 4
−−
7pF
IOL(SDA)
LOW-level output current on SDA
VOL = 0.4 V; VDD =5V
3
−−
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com