Electronic Components Datasheet Search
  English  ▼

X  

PCF2105MU Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCF2105MU
Description  LCD controller/driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2105MU Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCF2105MU Datasheet HTML 32Page - NXP Semiconductors PCF2105MU Datasheet HTML 33Page - NXP Semiconductors PCF2105MU Datasheet HTML 34Page - NXP Semiconductors PCF2105MU Datasheet HTML 35Page - NXP Semiconductors PCF2105MU Datasheet HTML 36Page - NXP Semiconductors PCF2105MU Datasheet HTML 37Page - NXP Semiconductors PCF2105MU Datasheet HTML 38Page - NXP Semiconductors PCF2105MU Datasheet HTML 39Page - NXP Semiconductors PCF2105MU Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 7
Example of 8-bit operation; 1-line display; using internal reset (character set ‘M’)
STEP
INSTRUCTION
DISPLAY
OPERATION
1
power supply on (PCF2105 is initialized by the internal reset
function)
initialized; no display appears
2
function set
sets to 8-bit operation; selects 2
× 12 display
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0000110000
3
display control
_
turns display and cursor on; entire display is blank after
initialization
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0000001110
4
entry mode set
_
sets mode to increment the address by 1 and to shift the cursor
to the right at the time of the write to the DDRAM or CGRAM;
display is not shifted
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0000000110
5
write data to CGRAM or DDRAM
P_
writes ‘P’; the DDRAM has already been selected by
initialization at power-on; the cursor is incremented by 1 and
shifted to the right
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
1011010000
6
write data to CGRAM or DDRAM
PH_
writes ‘H’
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
1011001000
7
|
|
|
8
write data to CGRAM or DDRAM
PHILIPS_
writes ‘S’
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
1011010011
9
entry mode set
PHILIPS_
sets mode for display shift at the time of write
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0000000111
10
write data to CGRAM or DDRAM
HILIPS_
writes space
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
1000100000
11
write data to CGRAM or DDRAM
ILIPS M_
writes ‘M’
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
1011001101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com