Electronic Components Datasheet Search
  English  ▼

X  

LTP8800-4AIPVPBF Datasheet(PDF) 4 Page - Analog Devices

Part # LTP8800-4AIPVPBF
Description  200A DC/DC μModule Regulator with PMBus Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTP8800-4AIPVPBF Datasheet(HTML) 4 Page - Analog Devices

  LTP8800-4AIPVPBF Datasheet HTML 1Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 2Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 3Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 4Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 5Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 6Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 7Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 8Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LTP8800-4A
4
Rev. A
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Efficiency
VIN = 54V, VOUT = 0.8V, IOUT = 50A
89.5
%
VIN = 54V, VOUT = 0.8V, IOUT = 100A
90.5
%
VIN = 54V, VOUT = 0.8V, IOUT = 150A
89.3
%
VIN = 54V, VOUT = 0.8V, IOUT = 200A
86.9
%
Oscillator
FSW
Switching Frequency
Switching Frequency set to 549kHz
l
533
549
565
kHz
FSYNC
SYNC Range
l
509
550
641
kHz
PMBus Monitoring
IMON(OUT)
Output Current Monitor
VIN = 54V, VOUT = 0.8V, IOUT = 200A
l
±3
%
IMON(IN)
Input Current Monitor
VIN = 54V, VOUT = 0.8V, IOUT = 200A
l
±5
%
VOUTMON
Output Voltage Monitor
VIN = 54V, VOUT = 0.8V, IOUT = 0A,
TJ = 25°C
±0.5
%
VIN = 54V, VOUT = 0.8V, IOUT = 0A,
TJ = 0°C to 125°C
l
–1.5
+1.5
%
VINMON
Input Voltage Monitor
VIN = 45V to 65V, VOUT = 0.8V, IOUT = 100A
l
±2
%
TMON
Temp monitor
VIN = 54V, VOUT = 0.8V, IOUT = 100A
l
±10
°C
Leakage Current Digital Inputs (CTRL, SDA, SCL, SYNC)
IDGTL
Input Leakage Current
0V ≤ VPIN ≤ 3.6V
l
10
µA
Control Section
VSCM
VS Common Mode Range
l
–100
100
mV
VMRGN
Output Voltage Margin Range
0.5
1.10
V
VOUT(OVLO)
Output Overvoltage Protection
1.20
V
Digital Inputs (CTRL, SDA, SCL, SYNC)
VIH
Input High Threshold Voltage
V3V3 = 3.3V
l
2.1
V
VIL
Input Low Threshold Voltage
V3V3 = 3.3V
l
0.8
V
Digital Outputs (SDA, SMBALERT)
VOL
Output Low Voltage
l
0.6
V
PMBus Timing Characteristics (SDA, SCL)
FSCL
Serial Bus Frequency
l
10
400
kHz
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTP8800-4AI is guaranteed over the full 0°C to 125°C
operating junction temperature range. Operating lifetime is derated at
junction temperatures greater than 125°C.
Note 3: The LTP8800-4AI includes overtemperature protection that is
intended to protect the device during thermal overload conditions. Internal
junction temperature may exceed 150°C if the overtemperature circuitry
is active.
Note 4: All currents into device pins are positive; all currents out of
device pins are negative. All voltages are referenced to ground unless
otherwise specified.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com