Electronic Components Datasheet Search
  English  ▼

X  

LTP8800-4AIPVPBF Datasheet(PDF) 17 Page - Analog Devices

Part # LTP8800-4AIPVPBF
Description  200A DC/DC μModule Regulator with PMBus Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTP8800-4AIPVPBF Datasheet(HTML) 17 Page - Analog Devices

Back Button LTP8800-4AIPVPBF Datasheet HTML 13Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 14Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 15Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 16Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 17Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 18Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 19Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 20Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
LTP8800-4A
17
Rev. A
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 12. 3-Phase Operation Producing 0.75V at 600A, Power System Management Features
C4
10µF
×24
210Ω
1.00k
2.00k
100pF
C6
560µF
×48
5k
5k
3.3k
VIN
7V0
3V3
SYNC
CTRL
SMBALERT
SDA
SCL
ISHARE
ADD
GND
VS–
VS+
VOUT
3.3k
750Ω
1.00k
2.00k
100pF
VIN
7V0
3V3
SYNC
CTRL
SMBALERT
SDA
SCL
ISHARE
ADD
GND
VS–
VS+
VOUT
1.33k
1.00k
2.00k
100pF
VIN
7V0
3V3
SYNC
CTRL
SMBALERT
SDA
SCL
ISHARE
ADD
GND
VS–
VS+
VOUT
10k
4.75k
4.75k
4.75k
C5
100µF
×36
7.5Ω
D1
D2
D3
7V
3V3
3V3
ISHARE BUS
SCL
SDA
SMBALERT
ON/OFF CTRL
SYNC CLOCK
7V
3V3
VOUT = 0.75V, 600A
ISHARE BUS
SCL
SDA
SMBALERT
ON/OFF CTRL
SYNC CLOCK
7V
3V3
ISHARE BUS
SCL
SDA
SMBALERT
ON/OFF CTRL
SYNC CLOCK
TRIM+
TRIM–
TRIM+
TRIM–
TRIM+
TRIM–
7.5Ω
7.5Ω
VIN
45V TO 65V
VIN
45V TO 60V
VIN
45V TO 60V
88004a F12
550kHz
WITH
50%
DUTY
CYCLE
C6: EEFGX0D561R
C5: GRM32EC70G107ME15L
C4: C1608X7S0J106M080AC
C1, C2, C3: GRM31CC72A475KE11L
D1, D2, D3: BAT54WS
LTP8800-4A
LTP8800-4A
LTP8800-4A
C1
4.7µF
×2
C2
4.7µF
×2
C3
4.7µF
×2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com