Electronic Components Datasheet Search
  English  ▼

X  

LTP8800-4AIPVPBF Datasheet(PDF) 5 Page - Analog Devices

Part # LTP8800-4AIPVPBF
Description  200A DC/DC μModule Regulator with PMBus Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTP8800-4AIPVPBF Datasheet(HTML) 5 Page - Analog Devices

  LTP8800-4AIPVPBF Datasheet HTML 1Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 2Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 3Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 4Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 5Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 6Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 7Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 8Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LTP8800-4A
5
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
600mVOUT Efficiency and Power
Loss vs Output Current
750mVOUT Efficiency and Power
Loss vs Output Current
900mVOUT Efficiency and Power
Loss vs Output Current
Load Transient Response
150A to 200A Load Step
50A/μs 45VIN to 0.75VOUT
Load Transient Response
150A to 200A Load Step
50A/μs 54VIN to 0.75VOUT
Load Transient Response
150A to 200A Load Step
50A/μs 65VIN to 0.75VOUT
EFFICIENCY
POWER LOSS
7V0 AND 3V3 LOSSES INCLUDED
45VIN
54VIN
65VIN
LOAD CURRENT (A)
0 20 40 60 80 100 120 140 160 180 200
55
60
65
70
75
80
85
90
3
6
9
12
15
18
21
24
88004a G01
EFFICIENCY
POWER LOSS
7V0 AND 3V3 LOSSES INCLUDED
45VIN
54VIN
65VIN
LOAD CURRENT (A)
0 20 40 60 80 100 120 140 160 180 200
55
60
65
70
75
80
85
90
95
3
6
9
12
15
18
21
24
27
88004a G02
EFFICIENCY
POWER LOSS
7V0 AND 3V3 LOSSES INCLUDED
45VIN
54VIN
65VIN
LOAD CURRENT (A)
0 20 40 60 80 100 120 140 160 180 200
55
60
65
70
75
80
85
90
95
3
6
9
12
15
18
21
24
27
88004a G03
FIGURE 10 CIRCUIT
VIN = 45V, VOUT = 0.75V, fsw = 550kHz
COUT = 560µF ×16 POSCAP + 100µF ×8 CERAMIC
REG FE01h = 19, REG FE02h = 223,
REG FE03h = 35, REG FE04h = 232
50µs/DIV
VOUT
AC-COUPLED
20mV/DIV
IOUT
100A/DIV
88004a G04
FIGURE 10 CIRCUIT
VIN = 54V, VOUT = 0.75V, fsw = 550kHz
COUT = 560µF ×16 POSCAP + 100µF ×8 CERAMIC
REG FE01h = 19, REG FE02h = 223,
REG FE03h = 35, REG FE04h = 232
50µs/DIV
VOUT
AC-COUPLED
20mV/DIV
IOUT
100A/DIV
88004a G15
FIGURE 10 CIRCUIT
VIN = 65V, VOUT = 0.75V, fsw = 550kHz
COUT = 560µF ×16 POSCAP + 100µF ×8 CERAMIC
REG FE01h = 19, REG FE02h = 223,
REG FE03h = 35, REG FE04h = 232
50µs/DIV
VOUT
AC-COUPLED
20mV/DIV
IOUT
100A/DIV
88004a G16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com