Electronic Components Datasheet Search
  English  ▼

X  

LTP8800-4AIPVPBF Datasheet(PDF) 16 Page - Analog Devices

Part # LTP8800-4AIPVPBF
Description  200A DC/DC μModule Regulator with PMBus Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTP8800-4AIPVPBF Datasheet(HTML) 16 Page - Analog Devices

Back Button LTP8800-4AIPVPBF Datasheet HTML 12Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 13Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 14Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 15Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 16Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 17Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 18Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 19Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
LTP8800-4A
16
Rev. A
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 11. 0.75V 200A Step-Down μModule with Unity Gain for Faster Transient Response
3.3k
3.3k
5k
10k
VIN
SYNC
CTRL
SDA
SMBALERT
SMBALERT
SCL
C1
47µF
C2
4.7µF
3V3
SCL
SDA
ON/OFF CTRL
SYNC CLOCK
LTP8800-4A
88004a F11
7V0
3V3
VIN
45V TO 65V
7V
3V3
GND
210Ω
ADD
ISHARE
C5: EEFGX0D561R
C4: GRM32EC70G107ME15L
C3: C1608X7S0J106M080AC
C1: EEE-FK2A470AQ
C2: GRM31CC72A475KE11L
499Ω
VS–
VS+
VOUT
VOUT
0.75V
200A
C3
10µF
×18
100pF
7.5Ω
C4
100µF
×8
C5
560µF
×16
Utilizing unity gain provides better DC accuracy and
transient response. See Compensation Section for
determining PID settings for optimal loop response.
LTP8800-4A  requires the following registers to be
adjusted for correct output voltage are listed in Table 3.
Table 3. Unity Gain Application PMBus Commands
REGISTER OFFSETS
ADI FACTORY SETTINGS
UNITY GAIN APPLICATION SETTINGS
VOUT_COMMAND (0x21h)
0x3000h
0x3000h
VOUT_SCALE_LOOP (0x29h)
0xB2A6h
0xBA00h
VOUT_SCALE_MONITOR (0x2Ah)
0xB2A6h
0xBA00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com