Electronic Components Datasheet Search
  English  ▼

X  

LTP8800-4AIPVPBF Datasheet(PDF) 15 Page - Analog Devices

Part # LTP8800-4AIPVPBF
Description  200A DC/DC μModule Regulator with PMBus Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTP8800-4AIPVPBF Datasheet(HTML) 15 Page - Analog Devices

Back Button LTP8800-4AIPVPBF Datasheet HTML 11Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 12Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 13Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 14Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 15Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 16Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 17Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 18Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
LTP8800-4A
15
Rev. A
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 9. 0.8V 200A Step-Down μModule with PMBus
3.3k
3.3k
5k
10k
VIN
SYNC
CTRL
SDA
SMBALERT
SMBALERT
SCL
VS–
VS+
VOUT
C1
47µF
C2
4.7µF
3V3
SCL
SDA
ON/OFF CTRL
SYNC CLOCK
LTP8800-4A
88004a F09
7V0
3V3
VIN
45V TO 65V
7V
3V3
GND
VOUT
0.8V
200A
C3
10µF
×18
210Ω
1.21k
2.00k
100pF
ADD
7.5Ω
C4
100µF
×8
C5
560µF
×16
ISHARE
C5: EEFGX0D561R
C4: GRM32EC70G107ME15L
C3: C1608X7S0J106M080AC
C1: EEE-FK2A470AQ
C2: GRM31CC72A475KE11L
Figure 10. 0.75V 200A Step-Down μModule with PMBus
3.3k
3.3k
5k
10k
VIN
SYNC
CTRL
SDA
SMBALERT
SMBALERT
SCL
VS–
VS+
VOUT
C1
47µF
C2
4.7µF
3V3
SCL
SDA
ON/OFF CTRL
SYNC CLOCK
LTP8800-4A
88004a F10
7V0
3V3
VIN
45V TO 65V
7V
3V3
GND
VOUT
0.75V
200A
C3
10µF
×18
210Ω
1.00k
2.00k
100pF
ADD
7.5Ω
C4
100µF
×8
C5
560µF
×16
ISHARE
C5: EEFGX0D561R
C4: GRM32EC70G107ME15L
C3: C1608X7S0J106M080AC
C1: EEE-FK2A470AQ
C2: GRM31CC72A475KE11L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com