Electronic Components Datasheet Search
  English  ▼

X  

LTP8800-4AIPVPBF Datasheet(PDF) 11 Page - Analog Devices

Part # LTP8800-4AIPVPBF
Description  200A DC/DC μModule Regulator with PMBus Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTP8800-4AIPVPBF Datasheet(HTML) 11 Page - Analog Devices

Back Button LTP8800-4AIPVPBF Datasheet HTML 7Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 8Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 9Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 10Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 11Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 12Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 13Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 14Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LTP8800-4A
11
Rev. A
For more information www.analog.com
PMBus COMMANDS AND LTPOWERPLAY
PMBus Commands
There are multiple PMBus commands and manufacturer
specific commands, which can be customized to adjust
APPLICATIONS INFORMATION
the settings of LTP8800-4A μModule, as listed in Table 1.
These commands comply to the PMBus Power System
Management Protocol. Users are encouraged to refer to
the PMBus Communication and Command Processing
section for details.
Table 1. LTP8800-4A Summary of Customizable Commands and Features
PMBus COMMAND
NAME, OR FEATURE
CMD CODE
REGISTER
COMMAND OR FEATURE
DESCRIPTION
TYPE
DATA
UNITS
DATA
FORMAT
NVM
ATTRIBUTES
WRITE_PROTECT
0x10
Protect the PMBus device against accidental writes.
R/W Byte
NA
Bit Field Stored in user-
editable NVM.
VIN_ON
0x35
Sets the value of the input voltage (VRMS) at which
the device starts power conversion.
R/W Word
Volts
Linear
11
Stored in user-
editable NVM.
VIN_OFF
0x36
Sets the value of the input voltage (VRMS) at which
the device stops power conversion.
R/W word
Volts
Linear
11
Stored in user-
editable NVM.
VIN_OV_FAULT_LIMIT
0x55
Sets the upper voltage threshold (in volts) measured
at the sense/input pin that causes an overvoltage
fault condition.
R/W Word
Volts
Linear
11
Stored in user-
editable NVM.
VIN_UV_FAULT_LIMIT
0x59
Sets the lower voltage threshold (in volts) measured
at the sense/input pin that causes an undervoltage
fault condition.
R/W Word
Volts
Linear
11
Stored in user-
editable NVM.
IIN_OC_FAULT_LIMIT
0x5B
Sets the threshold value (in amperes) measured at
the sense/input pin that causes an overcurrent fault
condition.
R/W Word
Amps
Linear
11
Stored in user-
editable NVM.
POUT_OP_FAULT_LIMIT
0x68
Sets the upper power threshold (in watts) measured
at the sense/output pin that causes an output
overpower fault condition.
R/W Word
Watts
Linear
11
Stored in user-
editable NVM.
NM_DIGFILT_LF_GAIN_SETTING
0xFE01
Determines the low frequency gain of the loop
response in normal mode.
R/W Byte
NA
NA
Stored in user-
editable NVM.
NM_DIGFILT_ZERO_SETTING
0xFE02
Determines the position of the final zero in
normal mode.
R/W Byte
NA
NA
Stored in user-
editable NVM.
NM_DIGFILT_POLE_SETTING
0xFE03
Determines the position of the final pole in
normal mode.
R/W Byte
NA
NA
Stored in user-
editable NVM.
NM_DIGFILT_HF_GAIN_SETTING
0xFE04
Determines the high frequency gain of the loop
response in normal mode.
R/W Byte
NA
NA
Stored in user-
editable NVM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com