Electronic Components Datasheet Search
  English  ▼

X  

LTP8800-4AIPVPBF Datasheet(PDF) 6 Page - Analog Devices

Part # LTP8800-4AIPVPBF
Description  200A DC/DC μModule Regulator with PMBus Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTP8800-4AIPVPBF Datasheet(HTML) 6 Page - Analog Devices

Back Button LTP8800-4AIPVPBF Datasheet HTML 2Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 3Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 4Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 5Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 6Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 7Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 8Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 9Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LTP8800-4A
6
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
54VIN No Load VOUT Ripple
65VIN No Load VOUT Ripple
45VIN Full Load VOUT Ripple
54VIN Full Load VOUT Ripple
65VIN Full Load VOUT Ripple
FIGURE 10 CIRCUIT
VIN = 65V, VOUT = 0.75V, fSW = 550kHz
NO LOAD ON VOUT
500ns/DIV
VOUT
AC-COUPLED
10mV/DIV
IIN
5A/DIV
IOUT
50A/DIV
88004a G11
FIGURE 10 CIRCUIT
VIN = 45V, VOUT = 0.75V, fSW = 550kHz
200A LOAD ON VOUT
500ns/DIV
VOUT
AC-COUPLED
10mV/DIV
IIN
5A/DIV
IOUT
50A/DIV
88004a G12
FIGURE 10 CIRCUIT
VIN = 54V, VOUT = 0.75V, fSW = 550kHz
200A LOAD ON VOUT
500ns/DIV
VOUT
AC-COUPLED
10mV/DIV
IIN
5A/DIV
IOUT
50A/DIV
88004a G13
FIGURE 10 CIRCUIT
VIN = 65V, VOUT = 0.75V, fSW = 550kHz
200A LOAD ON VOUT
500ns/DIV
VOUT
AC-COUPLED
10mV/DIV
IIN
5A/DIV
IOUT
50A/DIV
88004a G14
FIGURE 10 CIRCUIT
VIN = 54V, VOUT = 0.75V, fSW = 550kHz
NO LOAD ON VOUT
500ns/DIV
VOUT
AC-COUPLED
10mV/DIV
IIN
5A/DIV
IOUT
50A/DIV
88004a G10
Full Load Start-Up and Shut-Down
Triggered by CTRL
No Load Start-Up and Shut-Down
Triggered by CTRL
45VIN No Load VOUT Ripple
IOUT
CTRL
VOUT
IIN
1ms/DIV
VOUT
200mV/DIV
IOUT
50A/DIV
IIN
1A/DIV
88004a G07
IOUT
CTRL
VOUT
IIN
1ms/DIV
VOUT
200mV/DIV
IOUT
50A/DIV
IIN
100mA/DIV
88004a G08
FIGURE 10 CIRCUIT
VIN = 45V, VOUT = 0.75V, fSW = 550kHz
NO LOAD ON VOUT
500ns/DIV
VOUT
AC-COUPLED
10mV/DIV
IIN
5A/DIV
IOUT
50A/DIV
88004a G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com