Electronic Components Datasheet Search
  English  ▼

X  

LTP8800-4AIPVPBF Datasheet(PDF) 9 Page - Analog Devices

Part # LTP8800-4AIPVPBF
Description  200A DC/DC μModule Regulator with PMBus Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTP8800-4AIPVPBF Datasheet(HTML) 9 Page - Analog Devices

Back Button LTP8800-4AIPVPBF Datasheet HTML 5Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 6Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 7Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 8Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 9Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 10Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 11Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 12Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LTP8800-4A
9
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
COMPENSATION
The LTP8800-4A offers programmable loop compen-
sation to optimize the transient response without any
hardware change. A Type 3 filter architecture has been
implemented. To tailor the loop response to the specific
application, the low frequency gain, zero location, pole
location and high frequency gain can all be set individually
(see the Digital Filter Programming Registers section).
From the sensed voltage to the duty cycle, the transfer
function of the filter in z-domain is resolved by Equation 1.
H(z)
=
D
LFG
•
1
(1
− z−1)
+
C
HFG
1
−
B
256
z−1
⎛
⎝⎜
⎞
⎠⎟
1
−
A
256
z−1
⎛
⎝⎜
⎞
⎠⎟
⎛
⎝
⎜
⎜
⎜
⎞
⎠
⎟
⎟
⎟
(1)
Where:
A = filter pole register value (in decimal), 0xFE03.
B = filter zero register value (in decimal), 0xFE02.
C = high frequency gain register value (in decimal),
0xFE04.
D = low frequency gain register value (in decimal),
0xFE01.
LFG = 4.7744 × 107/fSW.
HFG = 2.984 × 106/fSW.
As shown in Figure 1, adjusting low frequency gain reg-
ister value will change the gain of the compensation over
the low frequency range without moving the pole and zero
locations. Adjusting high frequency gain register value
will change the gain of the compensation over the high
frequency range without moving the pole and zero loca-
tions. As shown in Figure 2, adjusting the pole and zero
register values will move the double poles and double
zeroes of the compensation. Increasing the filter zero and
pole register values will separate the double zeroes and
double poles. It is recommended that LTpowerPlay® be
used to program the filter.
It is recommended that the user determines the appro-
priate value for the compensation registers using the
LTpowerCAD® tool. An example of the bode plot of
the typical application circuit with the recommended
compensation settings is shown in Figure 3. Measured
bode plot of the LTP8800-4A in circuit Figure 10 with
register setting (in decimal): 0xFE02 = 220, 0xFE03 =
120, 0xFE04 = 95, 0xFE01 = 40. (Crossover frequency:
40.84kHz, phase margin 58deg, gain margin 11.3dB).
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
5
10
15
20
25
30
35
40
45
50
55
88004a G01
LG INCREASE
HG INCREASE
Figure 1. Compensation Gain Adjustment
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
88004a G02
5
10
15
20
25
30
35
40
45
50
55
ZERO
INCREASE
POLE
INCREASE
Figure 2. Compensation Poles and Zeroes Adjustment
Figure 3. Measured Bode Plot of the LTP8800-4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com