Electronic Components Datasheet Search
  English  ▼

X  

LTP8800-4AIPVPBF Datasheet(PDF) 14 Page - Analog Devices

Part # LTP8800-4AIPVPBF
Description  200A DC/DC μModule Regulator with PMBus Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTP8800-4AIPVPBF Datasheet(HTML) 14 Page - Analog Devices

Back Button LTP8800-4AIPVPBF Datasheet HTML 10Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 11Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 12Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 13Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 14Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 15Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 16Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 17Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
LTP8800-4A
14
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 6. Thermal Derating 54VIN, 0.75VOUT
Figure 7. Thermal Derating 48VIN, 0.75VOUT
VIN = 48V
VOUT = 0.75V
fSW = 549kHz
8.5" × 9"
8-LAYER BOARD
200LFM
400LFM
500LFM
TEMPERATURE (°C)
0
20
40
60
80
100
120
30
50
70
90
110
130
150
170
190
210
88004a F06
VIN = 54V
VOUT = 0.75V
fSW = 549kHz
8.5" × 9"
8-LAYER BOARD
200LFM
400LFM
500LFM
TEMPERATURE (°C)
0
20
40
60
80
100
120
30
50
70
90
110
130
150
170
190
210
88004a F07
Figure 8. Recommended PCB Layout, Top View
88004a F08b
88004a F08a
GND
VOUT
VIN
VOUT
(a) Top Layers
(a) Bottom Layers
+
+
VOUT
GND
GND
VOUT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com