Electronic Components Datasheet Search
  English  ▼

X  

ADS6423 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ADS6423
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6423 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ADS6423 Datasheet HTML 64Page - STMicroelectronics ADS6423 Datasheet HTML 65Page - STMicroelectronics ADS6423 Datasheet HTML 66Page - STMicroelectronics ADS6423 Datasheet HTML 67Page - STMicroelectronics ADS6423 Datasheet HTML 68Page - STMicroelectronics ADS6423 Datasheet HTML 69Page - STMicroelectronics ADS6423 Datasheet HTML 70Page - STMicroelectronics ADS6423 Datasheet HTML 71Page - STMicroelectronics ADS6423 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 75 page
background image
www.ti.com
DEFINITION OF SPECIFICATIONS
SNR + 10Log10
P
S
P
N
(3)
SINAD + 10Log10
P
S
PN ) PD
(4)
ENOB +
SINAD * 1.76
6.02
(5)
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
Analog Bandwidth – The analog input frequency at which the power of the fundamental is reduced by 3 dB
with respect to the low frequency value.
Aperture Delay – The delay in time between the rising edge of the input sampling clock and the actual time at
which the sampling occurs. This delay will be different across channels. The maximum variation is specified as
aperture delay variation (channel-channel).
Aperture Uncertainty (Jitter) – The sample-to-sample variation in aperture delay.
Clock Pulse Width/Duty Cycle – The duty cycle of a clock signal is the ratio of the time the clock signal
remains at a logic high (clock pulse width) to the period of the clock signal. Duty cycle is typically expressed as a
percentage. A perfect differential sine-wave clock results in a 50% duty cycle.
Maximum Conversion Rate – The maximum sampling rate at which certified operation is given. All parametric
testing is performed at this sampling rate unless otherwise noted.
Minimum Conversion Rate –The minimum sampling rate at which the ADC functions.
Differential Nonlinearity (DNL) – An ideal ADC exhibits code transitions at analog input values spaced exactly
1 LSB apart. The DNL is the deviation of any single step from this ideal value, measured in units of LSBs.
Integral Nonlinearity (INL) – The INL is the deviation of the ADC's transfer function from a best fit line
determined by a least squares curve fit of that transfer function, measured in units of LSBs.
Gain Error – The gain error is the deviation of the ADC's actual input full-scale range from its ideal value. The
gain error is given as a percentage of the ideal input full-scale range. The gain error does not include the error
caused by the internal reference deviation from ideal value. This is specifed separately as internal reference
error. The maximum variation of the gain error across devices and across channels within a device is specified
separately.
Offset Error – The offset error is the difference, given in number of LSBs, between the ADC's actual average
idle channel output code and the ideal average idle channel output code. This quantity is often mapped into mV.
Temperature Drift – The temperature drift coefficient (with respect to gain error and offset error) specifies the
change per degree Celsius of the parameter from TMIN to TMAX. It is calculated by dividing the maximum
deviation of the parameter across the TMIN to TMAX range by the difference TMAX–TMIN.
Signal-to-Noise Ratio – SNR is the ratio of the power of the fundamental (PS) to the noise floor power (PN),
excluding the power at DC and the first nine harmonics.
SNR is either given in units of dBc (dB to carrier) when the absolute power of the fundamental is used as the
reference, or dBFS (dB to full scale) when the power of the fundamental is extrapolated to the converter’s
full-scale range.
Signal-to-Noise and Distortion (SINAD) – SINAD is the ratio of the power of the fundamental (PS) to the power
of all the other spectral components including noise (PN) and distortion (PD), but excluding dc.
SINAD is either given in units of dBc (dB to carrier) when the absolute power of the fundamental is used as the
reference, or dBFS (dB to full scale) when the power of the fundamental is extrapolated to the converter's
full-scale range.
Effective Number of Bits (ENOB) – The ENOB is a measure of a converter’s performance as compared to the
theoretical limit based on quantization noise.
Total Harmonic Distortion (THD) – THD is the ratio of the power of the fundamental (PS) to the power of the
first nine harmonics (PD).
68
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com