Electronic Components Datasheet Search
  English  ▼

X  

ADS6423 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ADS6423
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6423 Datasheet(HTML) 3 Page - STMicroelectronics

  ADS6423 Datasheet HTML 1Page - STMicroelectronics ADS6423 Datasheet HTML 2Page - STMicroelectronics ADS6423 Datasheet HTML 3Page - STMicroelectronics ADS6423 Datasheet HTML 4Page - STMicroelectronics ADS6423 Datasheet HTML 5Page - STMicroelectronics ADS6423 Datasheet HTML 6Page - STMicroelectronics ADS6423 Datasheet HTML 7Page - STMicroelectronics ADS6423 Datasheet HTML 8Page - STMicroelectronics ADS6423 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 75 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
TRANSPORT
PACKAGE
PACKAGE
PRODUCT
PACKAGE-LEAD
TEMPERATURE
ORDERING NUMBER
MEDIA,
DESIGNATOR
MARKING
RANGE
QUANTITY
ADS6445IRGCT
250, Tape/reel
ADS6445
QFN-64(2)
RGC
–40
°C to 85°C
AZ6445
ADS6445IRGCR
2000, Tape/reel
ADS6444IRGCT
250, Tape/reel
ADS6444
QFN-64(2)
RGC
–40
°C to 85°C
AZ6444
ADS6444IRGCR
2000, Tape/reel
ADS6443IRGCT
250, Tape/reel
ADS6443
QFN-64(2)
RGC
–40
°C to 85°C
AZ6443
ADS6443IRGCR
2000, Tape/reel
ADS6442IRGCT
250, Tape/reel
ADS6442
QFN-64(2)
RGC
–40
°C to 85°C
AZ6442
ADS6442IRGCR
2000, Tape/reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
For thermal pad size on the package, see the mechanical drawings at the end of this data sheet.
θ
JA = 23.17 °C/W (0 LFM air flow), θJC
= 22.1
°C/W when used with 2 oz. copper trace and pad soldered directly to a JEDEC standard four layer 3 in. x 3 in. PCB.
VALUE
UNIT
AVDD
Supply voltage range
–0.3 to 3.9
V
LVDD
Supply voltage range
–0.3 to 3.9
V
Voltage between AGND and DGND
–0.3 to 0.3
V
Voltage between AVDD to LVDD
–0.3 to 3.3
V
Voltage applied to external pin, VCM
–0.3 to 2.0
V
Voltage applied to analog input pins
– 0.3V to minimum ( 3.6, AVDD + 0.3V)
V
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
125
°C
Tstg
Storage temperature range
–65 to 150
°C
Lead temperature 1,6 mm (1/16") from the case for 10 seconds
220
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com