Electronic Components Datasheet Search
  English  ▼

X  

ADS6423 Datasheet(PDF) 50 Page - STMicroelectronics

Part # ADS6423
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6423 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ADS6423 Datasheet HTML 46Page - STMicroelectronics ADS6423 Datasheet HTML 47Page - STMicroelectronics ADS6423 Datasheet HTML 48Page - STMicroelectronics ADS6423 Datasheet HTML 49Page - STMicroelectronics ADS6423 Datasheet HTML 50Page - STMicroelectronics ADS6423 Datasheet HTML 51Page - STMicroelectronics ADS6423 Datasheet HTML 52Page - STMicroelectronics ADS6423 Datasheet HTML 53Page - STMicroelectronics ADS6423 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 75 page
background image
www.ti.com
Using Differential Amplifier Drive Circuits
R
G
R
F
R
F
R
FIL
R
FIL
C
FIL
C
FIL
R
G
0.1 F
m
0.1 F
m
0.1 F
m
0.1 F
m
0.1 F
m
0.1 F
m
0.1 F
m
10 F
m
10 F
m
R
S
R
S
T
||R
R
T
+V
S
CM
INP
INM
ADS6xxx
THS4509
VCM
500 W
200 W
200 W
5 W
5 W
500 W
0.1 F
m
–V
S
S0259-01
INPUT COMMON MODE
155 mAxFs
125 MSPS
(1)
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
APPLICATION INFORMATION (continued)
Figure 87 shows a drive ciruit using a differential amplifier (TI's THS4509) to convert a single-ended input to
differential output that can be interfaced to the ADC input pins. In addition to the single-ended to differential
conversion, the amplifier also provides gain (10 dB in Figure 87). As shown in the figure, RFIL helps to isolate the
amplifier output from the switching inputs of the ADC. Together with CFIL, it also forms a low-pass filter that
bandlimits the noise (and signal) at the ADC input. As the amplifier outputs are ac-coupled, the common-mode
voltage of the ADC input spins is set using two resistors connected to VCM.
The amplifier outputs can also be dc-coupled. Using the output common-mode control of the THS4509, the ADC
input pins can be biased to 1.5 V. In this case, use +4 V and -1 V supplies for the THS4509 to ensure that it's
output common-mode voltage (1.5 V) is at mid-supply.
Figure 87. Drive Circuit using THS4509
Refer to the EVM User Guide (SLAU196) for more information.
To ensure a low-noise common-mode reference, the VCM pin is filtered with a 0.1-
µF low-inductance capacitor
connected to ground. The VCM pin is designed to directly drive the ADC inputs. The input stage of the ADC
sinks a common-mode current in the order of 155
µA at 125 MSPS (per input pin). Equation 1 describes the
dependency of the common-mode current and the sampling frequency.
This equation helps to design the output capability and impedance of the CM driving circuit accordingly.
50
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com