Electronic Components Datasheet Search
  English  ▼

X  

ADS6423 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ADS6423
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6423 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ADS6423 Datasheet HTML 45Page - STMicroelectronics ADS6423 Datasheet HTML 46Page - STMicroelectronics ADS6423 Datasheet HTML 47Page - STMicroelectronics ADS6423 Datasheet HTML 48Page - STMicroelectronics ADS6423 Datasheet HTML 49Page - STMicroelectronics ADS6423 Datasheet HTML 50Page - STMicroelectronics ADS6423 Datasheet HTML 51Page - STMicroelectronics ADS6423 Datasheet HTML 52Page - STMicroelectronics ADS6423 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
www.ti.com
INP
INM
VCM
1:1
5 W
25 W
25 W
5 W
0.1 F
m
0.1 F
m
TF_ADC
S0256-01
ADS6xxx
INP
INM
VCM
1:1
1:1
5 W
50 W
50 W
50 W
50 W
5 W
0.1
F
m
0.1
F
m
S0164-04
ADS6xxx
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
APPLICATION INFORMATION (continued)
Figure 85. Single Transformer Drive Circuit
At high input frequencies, the mismatch in the transformer parasitic capacitance (between the windings) results
in degraded even-order harmonic performance. Connecting two identical RF transformers back-to-back helps
minimize this mismatch, and good performance is obtained for high frequency input signals. Figure 86 shows an
example using two transformers (like Coilcraft WBC1-1). An additional termination resistor pair (enclosed within
the shaded box in Figure 86) may be required between the two transformers to improve the balance between
the P and M sides. The center point of this termination must be connected to ground.
Figure 86. Two Transformer Drive Circuit
49
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com