Electronic Components Datasheet Search
  English  ▼

X  

ADS6423 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ADS6423
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6423 Datasheet(HTML) 4 Page - STMicroelectronics

  ADS6423 Datasheet HTML 1Page - STMicroelectronics ADS6423 Datasheet HTML 2Page - STMicroelectronics ADS6423 Datasheet HTML 3Page - STMicroelectronics ADS6423 Datasheet HTML 4Page - STMicroelectronics ADS6423 Datasheet HTML 5Page - STMicroelectronics ADS6423 Datasheet HTML 6Page - STMicroelectronics ADS6423 Datasheet HTML 7Page - STMicroelectronics ADS6423 Datasheet HTML 8Page - STMicroelectronics ADS6423 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 75 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
SUPPLIES
AVDD
Analog supply voltage
3.0
3.3
3.6
V
LVDD
LVDS Buffer supply voltage
3.0
3.3
3.6
V
ANALOG INPUTS
Differential input voltage range
2
Vpp
Input common-mode voltage
1.5
±0.1
V
Voltage applied on VCM in external reference mode
1.45
1.50
1.55
V
CLOCK INPUT
ADS6445
5
125
ADS6444
5
105
Input clock sample rate, Fsrated
MSPS
ADS6443
5
80
ADS6442
5
65
Sine wave, ac-coupled
0.4
1.5
LVPECL, ac-coupled
± 0.8
Input clock amplitude differential (VCLKP– VCLKM)
Vpp
LVDS, ac-coupled
± 0.35
LVCMOS, ac-coupled
3.3
Input Clock duty cycle
35%
50%
65%
DIGITAL OUTPUTS
Without internal termination
5
Maximum external load capacitance from each output pin
CLOAD
pF
to DGND
With internal termination
10
RLOAD
Differential load resistance (external) between the LVDS output pairs
100
Ω
TA
Operating free-air temperature
–40
85
°C
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com