Electronic Components Datasheet Search
  English  ▼

X  

ADS6423 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ADS6423
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6423 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ADS6423 Datasheet HTML 29Page - STMicroelectronics ADS6423 Datasheet HTML 30Page - STMicroelectronics ADS6423 Datasheet HTML 31Page - STMicroelectronics ADS6423 Datasheet HTML 32Page - STMicroelectronics ADS6423 Datasheet HTML 33Page - STMicroelectronics ADS6423 Datasheet HTML 34Page - STMicroelectronics ADS6423 Datasheet HTML 35Page - STMicroelectronics ADS6423 Datasheet HTML 36Page - STMicroelectronics ADS6423 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 75 page
background image
www.ti.com
70
71
72
73
74
75
76
77
78
Input Amplitude − dBFS
30
40
50
60
70
80
90
100
110
−60
−50
−40
−30
−20
−10
0
fIN = 20 MHz
G012
SFDR (dBc)
SFDR (dBFS)
SNR (dBFS)
71
72
73
74
75
76
77
T − Temperature −
°C
74
76
78
80
82
84
86
−40
−20
0
20
40
60
80
G011
fIN = 50.1 MHz
SNR
SFDR
70
71
72
73
74
75
76
77
72
74
76
78
80
82
84
86
0.5
1.0
1.5
2.0
2.5
3.0
Input Clock Amplitude − VPP
G013
SNR
SFDR
fIN = 50.1 MHz
72
73
74
75
76
77
78
Input Clock Duty Cycle − %
84
85
86
87
88
89
90
35
40
45
50
55
60
65
G014
SNR
SFDR
fIN = 20.1 MHz
fS − Sampling Frequency − MSPS
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
25
50
75
100
125
G015
LVDD
AVDD
Output Code
0
5
10
15
20
25
30
35
40
8187 8188 8189 8190 8191 8192 8193 8194 8195 8196
G016
RMS LSB = 1.064
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
ADS6445 (F
srated = 125 MSPS) (continued)
PERFORMANCE vs TEMPERATURE
PERFORMANCE vs INPUT AMPLITUDE
Figure 16.
Figure 17.
PERFORMANCE vs CLOCK AMPLITUDE (differential)
PERFORMANCE vs CLOCK DUTY CYCLE
Figure 18.
Figure 19.
OUTPUT NOISE HISTOGRAM WITH
POWER DISSIPATION vs SAMPLING FREQUENCY
INPUTS TIED TO COMMON-MODE
Figure 20.
Figure 21.
33
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com