Electronic Components Datasheet Search
  English  ▼

X  

ADS6423 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ADS6423
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6423 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ADS6423 Datasheet HTML 65Page - STMicroelectronics ADS6423 Datasheet HTML 66Page - STMicroelectronics ADS6423 Datasheet HTML 67Page - STMicroelectronics ADS6423 Datasheet HTML 68Page - STMicroelectronics ADS6423 Datasheet HTML 69Page - STMicroelectronics ADS6423 Datasheet HTML 70Page - STMicroelectronics ADS6423 Datasheet HTML 71Page - STMicroelectronics ADS6423 Datasheet HTML 72Page - STMicroelectronics ADS6423 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 75 page
background image
www.ti.com
THD + 10Log10
P
S
PD
(6)
PSRR + 20Log10 D
Vout
DVsup
, expressed in dBc
(7)
CMRR + 20Log10 D
Vout
DVcm_in
, expressed in dBc
(8)
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
THD is typically given in units of dBc (dB to carrier).
Spurious-Free Dynamic Range (SFDR) – The ratio of the power of the fundamental to the highest other
spectral component (either spur or harmonic). SFDR is typically given in units of dBc (dB to carrier).
Two-Tone Intermodulation Distortion – IMD3 is the ratio of the power of the fundamental (at frequencies f1
and f2) to the power of the worst spectral component at either frequency 2f1–f2 or 2f2–f1. IMD3 is either given in
units of dBc (dB to carrier) when the absolute power of the fundamental is used as the reference, or dBFS (dB
to full scale) when the power of the fundamental is extrapolated to the converter’s full-scale range.
DC Power Supply Rejection Ratio (DC PSRR) – The DC PSSR is the ratio of the change in offset error to a
change in analog supply voltage. The DC PSRR is typically given in units of mV/V.
AC Power Supply Rejection Ratio (AC PSRR) – AC PSRR is the measure of rejection of variations in the
supply voltage by the ADC. If
∆Vsup is the change in supply voltage and ∆Vout is the resultant change of the
ADC output code (referred to the input), then
Voltage Overload Recovery – The number of clock cycles taken to recover to less than 1% error after an
overload on the analog inputs. This is tested by separately applying a sine wave signal with 6dB positive and
negative overload. The deviation of the first few samples after the overload (from their expected values) is noted.
Common Mode Rejection Ratio (CMRR) – CMRR is the measure of rejection of variation in the analog input
common-mode by the ADC. If
∆Vcm_in is the change in the common-mode voltage of the input pins and ∆Vout
is the resultant change of the ADC output code (referred to the input), then
Cross-Talk (only for multi-channel ADC)– This is a measure of the internal coupling of a signal from adjacent
channel into the channel of interest. It is specified separately for coupling from the immediate neighbouring
channel (near-channel) and for coupling from channel across the package (far-channel). It is usually measured
by applying a full-scale signal in the adjacent channel. Cross-talk is the ratio of the power of the coupling signal
(as measured at the output of the channel of interest) to the power of the signal applied at the adjacent channel
input. It is typically expressed in dBc.
69
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com