Electronic Components Datasheet Search
  English  ▼

X  

ADS6423 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ADS6423
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6423 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ADS6423 Datasheet HTML 27Page - STMicroelectronics ADS6423 Datasheet HTML 28Page - STMicroelectronics ADS6423 Datasheet HTML 29Page - STMicroelectronics ADS6423 Datasheet HTML 30Page - STMicroelectronics ADS6423 Datasheet HTML 31Page - STMicroelectronics ADS6423 Datasheet HTML 32Page - STMicroelectronics ADS6423 Datasheet HTML 33Page - STMicroelectronics ADS6423 Datasheet HTML 34Page - STMicroelectronics ADS6423 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 75 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
ADS6445 (F
srated = 125 MSPS)
f − Frequency − MHz
−160
−140
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
60
G001
SFDR = 88 dBc
SINAD = 74 dBFS
SNR = 74.3 dBFS
THD = 87.6 dBc
f − Frequency − MHz
−160
−140
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
60
G002
SFDR = 86 dBc
SINAD = 72.63 dBFS
SNR = 72.76 dBFS
THD = 85 dBc
f − Frequency − MHz
−160
−140
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
60
G003
SFDR = 77.9 dBc
SINAD = 68 dBFS
SNR = 69.2 dBFS
THD = 75.3 dBc
f − Frequency − MHz
−160
−140
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
60
G004
fIN1 = 185.1 MHz, –7 dBFS
fIN2 = 190.1 MHz, –7 dBFS
2-Tone IMD = –86 dBFS
SFDR = –95 dBFS
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
All plots are at 25
°C, AVDD = LVDD = 3.3 V, maximum rated sampling frequency, sine wave input clock, 1.5 V
PP differential
clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, 0 dB gain (unless
otherwise noted)
FFT for 10 MHz INPUT SIGNAL
FFT for 100 MHz INPUT SIGNAL
Figure 6.
Figure 7.
FFT for 230 MHz INPUT SIGNAL
INTERMODULATION DISTORTION (IMD) vs FREQUENCY
Figure 8.
Figure 9.
31
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com