Electronic Components Datasheet Search
  English  ▼

X  

ADS6423 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ADS6423
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6423 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ADS6423 Datasheet HTML 5Page - STMicroelectronics ADS6423 Datasheet HTML 6Page - STMicroelectronics ADS6423 Datasheet HTML 7Page - STMicroelectronics ADS6423 Datasheet HTML 8Page - STMicroelectronics ADS6423 Datasheet HTML 9Page - STMicroelectronics ADS6423 Datasheet HTML 10Page - STMicroelectronics ADS6423 Datasheet HTML 11Page - STMicroelectronics ADS6423 Datasheet HTML 12Page - STMicroelectronics ADS6423 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
www.ti.com
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
ELECTRICAL CHARACTERISTICS (continued)
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
LVDD = 3.3V, maximum rated sampling frequency, 50% clock duty cycle, –1dBFS differential analog input, internal reference
mode (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
ADS6445
93
ADS6444
94
Fin = 10 MHz
ADS6443
96
ADS6442
97
ADS6445
73
87
ADS6444
88
Fin = 50 MHz
ADS6443
77
90
ADS6442
79
92
ADS6445
87
ADS6444
74
88
Fin = 70 MHz
ADS6443
90
ADS6442
92
ADS6445
89
ADS6444
Fin = 100 MHz
90
HD2
Second harmonic
ADS6443 and ADS6442
87
dBc
ADS6445
83
ADS6444
0 dB gain
84
ADS6443 and ADS6442
86
Fin = 170 MHz
ADS6445
85
ADS6444
3.5 dB Coarse gain
86
ADS6443 and ADS6442
88
ADS6445
80
ADS6444
81
0 dB gain
ADS6443
82
ADS6442
83
Fin = 230 MHz
ADS6445
82
ADS6444
83
3.5 dB Coarse gain
ADS6443
84
ADS6442
85
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com