Electronic Components Datasheet Search
  English  ▼

X  

TMDS141 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS141
Description  HDMI HIDER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS141 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMDS141 Datasheet HTML 2Page - Texas Instruments TMDS141 Datasheet HTML 3Page - Texas Instruments TMDS141 Datasheet HTML 4Page - Texas Instruments TMDS141 Datasheet HTML 5Page - Texas Instruments TMDS141 Datasheet HTML 6Page - Texas Instruments TMDS141 Datasheet HTML 7Page - Texas Instruments TMDS141 Datasheet HTML 8Page - Texas Instruments TMDS141 Datasheet HTML 9Page - Texas Instruments TMDS141 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TMDS141
SLLS737C – JUNE 2006 – REVISED JUNE 2007
RECOMMENDED OPERATING CONDITIONS (continued)
MIN
NOM
MAX
UNIT
CONTROL PINS (PRE, OE, I2CEN)
VIH
LVTTL High-level input voltage
2
VCC
V
VIL
LVTTL Low-level input voltage
GND
0.8
V
CONTROL PINS (OVS)
VIH
LVTTL High-level input voltage
3
3.6
V
VIL
LVTTL Low-level input voltage
-0.5
0.5
V
I2C PINS (TSCL, TSDA)
VIH
High-level input voltage
0.7VCC
5.5
V
VIL
Low-level input voltage
-0.5
0.3VCC
V
VICL
Low-level input voltage contention(1)
-0.5
0.4
V
I2C PINS (RSCL, RSDA)
VIH
High-level input voltage
2.1
5.5
V
VIL
Low-level input voltage
-0.5
1.5
V
(1)
VIL specification is for the first low level seen by the SCL/SDA lines. VICL is for the second and subsequent low levels seen by the
TSCL/TSDA lines.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIH = VCC, VIL = VCC – 0.4 V, RT = 50 Ω,
AVCC = 3.3 V, RVSADJ = 4.64 kΩ,
ICC
Supply current
108
130(2)
mA
1.65-Gbps HDMI data pattern,
165-MHz Pixel clock, PRE = Low
VIH = VCC, VIL = VCC – 0.4 V, RT = 50 Ω,
AVCC = 3.3 V, RVSADJ = 4.64 kΩ,
PD
Power dissipation
497(2)
mW
1.65-Gbps HDMI data pattern,
165-MHz Pixel clock, PRE = Low
TMDS DIFFERENTIAL PINS (TX, TXC)
VOH
Single-ended high-level output voltage
AVCC–10
AVCC+10
mV
VOL
Single-ended low-level output voltage
AVCC–600
AVCC–400
mV
Vswing
Single-ended output swing voltage
400
600
mV
See Figure 2, AVCC = 3.3 V,
VOD(O)
Overshoot of output differential voltage
15%
2
× V
swing
RT = 50 Ω
VOD(U)
Undershoot of output differential voltage
25%
2
× V
swing
Change in steady-state common-mode
∆V
OC(SS)
5
mV
output voltage between logic states
0 V
≤ V
CC ≤ 1.5 V,
I(O)OFF
Single-ended standby output current
–10
10
µA
AVCC = 3.3 V, RT = 50 Ω
VOD(pp)
Peak-to-peak output differential voltage
800
1200
See Figure 3, PRE = High,
mVp-p
Steady state output differential voltage
AVCC = 3.3 V, RT = 50 Ω
VODE(SS)
600
820
with de-emphasis
I(OS)
Short circuit output current
See Figure 4
-12
12
mA
Single-ended input voltage under high
VI(open)
II = 10 µA
VCC–10
VCC+10
mV
impedance input or open input
RINT
Input termination resistance
VIN = 2.9 V
45
50
55
Ω
CONTROL PINS (PRE, OE, I2CEN, OVS)
|IIH|
High-level digital input current
VIH = 2 V or VCC
-10
10
µA
|IIL|
Low-level digital input current
VIL = GND or 0.8 V
-10
10
µA
I2C PINS (TSCL, TSDA)
VI = 5.5 V
-50
50
|Ilkg|
Input leakage current
µA
VI = VCC
-10
10
|IOH|
High-level output current
VO = 3.6 V
-10
10
µA
(1)
All typical values are at 25
°C and with a 3.3-V supply.
(2)
The maximum rating is characterized under 3.6 V VCC and 600 mV VID.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com