Electronic Components Datasheet Search
  English  ▼

X  

TMDS141 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS141
Description  HDMI HIDER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS141 Datasheet(HTML) 3 Page - Texas Instruments

  TMDS141 Datasheet HTML 1Page - Texas Instruments TMDS141 Datasheet HTML 2Page - Texas Instruments TMDS141 Datasheet HTML 3Page - Texas Instruments TMDS141 Datasheet HTML 4Page - Texas Instruments TMDS141 Datasheet HTML 5Page - Texas Instruments TMDS141 Datasheet HTML 6Page - Texas Instruments TMDS141 Datasheet HTML 7Page - Texas Instruments TMDS141 Datasheet HTML 8Page - Texas Instruments TMDS141 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.ti.com
GND
RXC
RXC
V
CC
RX0
RX0
GND
RX1
RX1
V
CC
GND
TXC
TXC
V
CC
TX0
TX0
GND
TX1
TX1
V
CC
31
32
33
34
35
36
37
38
39
40
20
19
18
17
16
15
14
13
12
11
TMDS141
SLLS737C – JUNE 2006 – REVISED JUNE 2007
RHA PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
RX2, RX1, RX0, RXC
1, 38, 35, 32
I
TMDS Negative inputs
RX2, RX1, RX0, RXC
2, 39, 36, 33
I
TMDS Positive inputs
TX2, TX1, TX0, TXC
10, 13, 16, 19
O
TMDS Negative outputs
TX2, TX1, TX0, TXC
9, 12, 15, 18
O
TMDS Positive outputs
RSCL
29
I/O
DDC Bus clock line to source
RSDA
28
I/O
DDC Bus data line to source
TSCL
22
I/O
DDC Bus clock line to sink
TSDA
23
I/O
DDC Bus data line to sink
VSADJ
30
I
TMDS Compliant voltage swing control
I2C Repeater enable
I2CEN
5
I
Low: High-Z
High: Active
OVS
25
I
TSCL/TSDA Output voltage select
TMDS Output enable
OE
6
I
Low: Active
High: High-Z
TMDS Output de-emphasis adjustment
PRE
7
I
Low: 0 dB
High: 3.5 dB
4, 11, 17, 24, 27,
VCC
Power supply
34, 40
3, 8, 14, 20, 21,
GND
Ground
26, 31, 37
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com