Electronic Components Datasheet Search
  English  ▼

X  

TMDS141 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS141
Description  HDMI HIDER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS141 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMDS141 Datasheet HTML 3Page - Texas Instruments TMDS141 Datasheet HTML 4Page - Texas Instruments TMDS141 Datasheet HTML 5Page - Texas Instruments TMDS141 Datasheet HTML 6Page - Texas Instruments TMDS141 Datasheet HTML 7Page - Texas Instruments TMDS141 Datasheet HTML 8Page - Texas Instruments TMDS141 Datasheet HTML 9Page - Texas Instruments TMDS141 Datasheet HTML 10Page - Texas Instruments TMDS141 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
TMDS141
SLLS737C – JUNE 2006 – REVISED JUNE 2007
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
|IIL|
Low-level input current
VIL = GND
-40
40
µA
OVS = NC(3)
0.47
0.6
VOL
Low-level output voltage
IOL = 400 µA or 4 mA
OVS = GND(3)
0.6
0.75
V
OVS = VCC(3)
0.75
0.95
OVS = NC(3)
70
Low-level input voltage below output
VOL-VILC
Ensured by design
OVS = GND(3)
220
mV
low-level voltage level
OVS = VCC(3)
370
VI = 5.0 V or 0 V, Freq = 100 kHz
25
CIO
Input/output capacitance
pF
VI = 3.0 V or 0 V, Freq = 100 kHz
10
I2C PINS (RSCL, RSDA)
VI = 5.5 V
-50
50
|Ilkg|
Input leakage current
µA
VI = VCC
-10
10
|IOH|
High-level output current
VO = 3.6 V
-10
10
µA
|IIL|
Low-level input current
VIL = GND
-10
10
µA
VOL
Low-level output voltage
IOL = 4 mA
0.2
V
VI = 5.0 V or 0 V, Freq = 100 kHz
25
CI
Input capacitance
pF
VI = 3.0 V or 0 V, Freq = 100 kHz
10
(3)
The patent of the OVS pin is filed.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
TMDS DIFFERENTIAL PINS (TX/TXC)
tPLH
Propagation delay time, low-to-high-level output
100
500
ps
tPHL
Propagation delay time, high-to-low-level output
100
500
ps
tr
Differential output signal rise time (20% - 80%)
75
240
ps
tf
Differential output signal fall time (20% - 80%)
75
240
ps
See Figure 2, AVCC = 3.3 V,
RT = 50 Ω
tsk(p)
Pulse skew (|tPHL– tPLH|)(2)
50
ps
tsk(D)
Intra-pair differential skew, see Figure 5
35
ps
tsk(o)
Inter-pair channel-to-channel output skew(3)
80
ps
tsk(pp)
Part-to-part skew (4)
200
ps
ten
Enable time
10
ns
See Figure 6
tdis
Disable time
10
ns
tjit(pp)
Peak-to-peak output jitter from TXC, residual jitter(5)
See Figure 7, RXC = 165-MHz clock,
14
30
ps
RX = 1.65-Gbps HDMI pattern,
Input: 5m 28AWG HDMI cable,
tjit(pp)
Peak-to-peak output jitter from TX0 - TX2, residual jitter(5)
30
88
ps
Output: 1m 28AWG HDMI cable, PRE = high
tjit(pp)
Peak-to-peak output jitter from TXC, residual jitter(5)
See Figure 7, RXC = 225-MHz clock,
25
RX = 2.25-Gbps HDMI pattern,
ps
Input: 5m 28AWG HDMI cable,
tjit(pp)
Peak-to-peak output jitter from TX0 - TX2, residual jitter(5)
42
88
Output: 1m 28AWG HDMI cable, PRE = high
(1)
All typical values are at 25
°C and with a 3.3-V supply.
(2)
tsk(p) is the magnitude of the time difference between tPLH and tPHL of a specified terminal.
(3)
tsk(o) is the magnitude of the difference in propagation delay times between any specified terminals of channel 2 to 4 of a device when
inputs are tied together.
(4)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of channel 2 to 4 of two devices, or
between channel 1 of two devices, when both devices operate with the same source, the same supply voltages, at the same
temperature, and have identical packages and test circuits.
(5)
Jitter specifications are ensured by design and characterization and measured in BER-12
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com