Electronic Components Datasheet Search
  English  ▼

X  

TMDS141 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS141
Description  HDMI HIDER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS141 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMDS141 Datasheet HTML 14Page - Texas Instruments TMDS141 Datasheet HTML 15Page - Texas Instruments TMDS141 Datasheet HTML 16Page - Texas Instruments TMDS141 Datasheet HTML 17Page - Texas Instruments TMDS141 Datasheet HTML 18Page - Texas Instruments TMDS141 Datasheet HTML 19Page - Texas Instruments TMDS141 Datasheet HTML 20Page - Texas Instruments TMDS141 Datasheet HTML 21Page - Texas Instruments TMDS141 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
www.ti.com
TSDA
TSCL
TMDS141
RSDA
RSCL
EN
TSDA
TSCL
TMDS141
RSDA
RSCL
EN
SDA
SCL
BUS
MASTER
SDA
SCL
BUS
SLAVE
TSDA
TSCL
TMDS141
RSDA
RSCL
EN
3.3V
3.3V
3.3V
Source
Sink
Repeater
Rup
SOURCE
Rup
2
Rup
1
C
1
C
2
C
3
C
3
C
1
5V
5V
C
2
5V
Rup
SINK
C
2
5V
Rup
SINK
C
2
Rup
SOURCE
I2C Pull-up Resistors
R
up(min) + VDD lsink
(1)
T + k
RC
(2)
V(t)
+ V
DD
(1
* e*t RC)
(3)
TMDS141
SLLS737C – JUNE 2006 – REVISED JUNE 2007
APPLICATION INFORMATION (continued)
Figure 23. Typical Series Application
The pull-up resistor value is determined by two requirements:
1. The maximum sink current of the I2C buffer:
The maximum sink current is 3 mA or slightly higher for an I2C driver supporting standard-mode I2C
operation.
2. The maximum transition time on the bus:
The maximum transition time, T, of an I2C bus is set by an RC time constant, where R is the pull-up
resistor value, and C is the total load capacitance. The parameter, k, can be calculated from equation 3
by solving for t, the times at which certain voltage thresholds are reached. Different input threshold
combinations introduce different values of t. Table 1 summarizes the possible values of k under different
threshold combinations.
Table 1. Value k Upon Different Input Threshold Voltages
Vth-\Vth+
0.7VDD
0.65VDD
0.6VDD
0.55VDD
0.5VDD
0.45VDD
0.4VDD
0.35VDD
0.3VDD
0.1VDD
1.0986
0.9445
0.8109
0.6931
0.5878
0.4925
0.4055
0.3254
0.2513
0.15VDD
1.0415
0.8873
0.7538
0.6360
0.5306
0.4353
0.3483
0.2683
0.1942
0.2VDD
0.9808
0.8267
0.6931
0.5754
0.4700
0.3747
0.2877
0.2076
0.1335
0.25VDD
0.9163
0.7621
0.6286
0.5108
0.4055
0.3102
0.2231
0.1431
0.0690
0.3VDD
0.8473
0.6931
0.5596
0.4418
0.3365
0.2412
0.1542
0.0741
-
From equation 1, Rup(min) = 5.5V/3mA = 1.83 kΩ to operate the bus under a 5-V pull-up voltage and provide less
than 3 mA when the I2C device is driving the bus to a low state. If a higher sink current, for example 4 mA, is
allowed, Rup(min) can be as low as 1.375 kΩ.
Given a 5-V I2C device with input low and high threshold voltages at 0.3 Vdd and 0.7 Vdd, the valued of k is
0.8473 from Table 1. Taking into account the 1.83-k
Ω pull-up resistor, the maximum total load capacitance is
C(total-5V) = 645 pF. Ccable(max) should be restricted to be less than 545 pF if Csource and Ci can be as heavy as 50
pF. Here the Ci is treated as Csink, the load capacitance of a sink device.
Fixing the maximum transition time from Table 1, T = 1
µs, and using the k values from Table 1, the
recommended maximum total resistance of the pull-up resistors on an I2C bus can be calculated for different
system setups.
To support the maximum load capacitance specified in the HDMI spec, Ccable(max) = 700pF/Csource = 50pF/Ci =
50pF, R(max) can be calculated as shown in Table 2.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com