Electronic Components Datasheet Search
  English  ▼

X  

TMDS141 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS141
Description  HDMI HIDER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS141 Datasheet(HTML) 2 Page - Texas Instruments

  TMDS141 Datasheet HTML 1Page - Texas Instruments TMDS141 Datasheet HTML 2Page - Texas Instruments TMDS141 Datasheet HTML 3Page - Texas Instruments TMDS141 Datasheet HTML 4Page - Texas Instruments TMDS141 Datasheet HTML 5Page - Texas Instruments TMDS141 Datasheet HTML 6Page - Texas Instruments TMDS141 Datasheet HTML 7Page - Texas Instruments TMDS141 Datasheet HTML 8Page - Texas Instruments TMDS141 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
DESCRIPTION CONTINUED
V
CC
R
INT
TMDS
Receiver
w/EQ
TMDS
Driver
TX2
TX2
RX2
RX2
TMDS
Receiver
w/EQ
TMDS
Driver
TX1
TX1
RX1
RX1
TMDS
Receiver
w/EQ
TMDS
Driver
TX0
TX0
RX0
RX0
TMDS
Receiver
w/EQ
TMDS
Driver
TXC
TXC
RXC
RXC
R
INT
R
INT
R
INT
V
CC
V
CC
V
CC
VSADJ
PRE
RSCL
RSDA
TSCL
TSDA
I2CEN
OE
OVS
TMDS141
SLLS737C – JUNE 2006 – REVISED JUNE 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
With standard TMDS terminations at the outputs, all TMDS outputs are forced high-impedance when OE is set
high. The I2C repeater isolates the buses without accumulating the capacitance of both sides. It allows DDC
capacitance to be controlled under the desired load. The I2C outputs are high-impedance when device supply
voltage is less than 1.5 V or I2CEN is low. The OVS pin, output voltage select, provides the flexibility of
adjusting the output voltage level of the TSCL and TSDA side to optimize noise margins while interfacing to
different HDMI receivers. The device is characterized for operation from 0
°C to 70°C.
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com