Electronic Components Datasheet Search
  English  ▼

X  

TMDS141 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS141
Description  HDMI HIDER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS141 Datasheet(HTML) 1 Page - Texas Instruments

  TMDS141 Datasheet HTML 1Page - Texas Instruments TMDS141 Datasheet HTML 2Page - Texas Instruments TMDS141 Datasheet HTML 3Page - Texas Instruments TMDS141 Datasheet HTML 4Page - Texas Instruments TMDS141 Datasheet HTML 5Page - Texas Instruments TMDS141 Datasheet HTML 6Page - Texas Instruments TMDS141 Datasheet HTML 7Page - Texas Instruments TMDS141 Datasheet HTML 8Page - Texas Instruments TMDS141 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
TMDS
141
Interface
Unit
Audiovisual
Processing
Unit
HDMI
Rx
Digital TV
TMDS141
SLLS737C – JUNE 2006 – REVISED JUNE 2007
HDMI HIDER
• 3.3-V Supply Operation
• Supports 2.25 Gbps Signaling Rate for 480i/p,
• 40-Pin QFN Package (RHA)
720i/p, and 1080i/p Resolution to 12-Bit Color
• ROHS Compatible and 260°C Reflow Rated
Depth
• Accepts AC Couple DisplayPort Dual-Mode
• Compatible with HDMI 1.3a
Signals and Translates Them into a HDMI1.3a
• Integrated Receiver Termination
Compatable TMDS Signal
• 8-dB Equalizer Compensates Losses from 5-m
or Longer HDMI Cables
• Digital TV
• Selectable Output De-Emphasis Supports 1-m
• DVD Player
HDMI Transmission
• Set-Top-Box
• I2C™ Repeater Isolates Bus Capacitance at
• Audio Video Receiver
Both Ends
• Digital Projector
• High Impedance Outputs When Disabled
• DVI or HDMI cable
• TMDS Inputs HBM ESD Protection Exceeds
• DisplayPort Level Translator
6 kV
The TMDS141 HDMI hider is designed to accommodate a 1-m HDMI cable between a HDMI connector and a
receiver. The internal cable causes signal distortion to high-speed TMDS signals, as well as increasing
capacitance to the DDC channel. Each TMDS141 contains four TMDS repeaters to transmit digital content with
signaling rates of up to 2.25-Gbps, and an I2C repeater to link extended display identification data (EDID)
reading and high-bandwidth digital content protection (HDCP) key exchange under I2C standard mode
operations.
The device includes four TMDS compliant differential receivers with 50-
Ω termination resistors and 3.3-V
termination voltage integrated at each receiver input pin. External terminations are not required. A built-in
frequency response equalization circuit, 8 dB at 825 MHz, compensates inter-symbol interference (ISI) losses
from a 5-m or longer input cable link.
The device also includes four TMDS compliant differential drivers. A precision resistor is connected externally
from the VSADJ pin to ground for setting the differential output voltage to be compliant with the TMDS standard.
A selectable de-emphasis circuit is available via the PRE input to drive long PCB traces or cables. When PRE is
high, the 3.5-dB high frequency gain offsets the losses due to the FR4 trace. PRE can be left open or kept low
when the de-emphasis function is not desired.
TYPICAL APPLICATION
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
I2C is a trademark of Philips Electronics.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMDS141

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS141 TI-TMDS141 Datasheet
722Kb / 28P
HDMI HIDER
TMDS141RHAR TI-TMDS141RHAR Datasheet
722Kb / 28P
HDMI HIDER
TMDS141RHARG4 TI-TMDS141RHARG4 Datasheet
722Kb / 28P
HDMI HIDER
More results

Similar Description - TMDS141

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS141 TI-TMDS141 Datasheet
722Kb / 28P
HDMI HIDER
logo
Silicon image
SII9024A SILICONIMAGE-SII9024A Datasheet
1Mb / 2P
HDMI Transmitter
logo
Qualtek Electronics Cor...
1721001-03 QUALTEK-1721001-03 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721005-06 QUALTEK-1721005-06 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721009-10 QUALTEK-1721009-10 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721013-16 QUALTEK-1721013-16 Datasheet
441Kb / 1P
HDMI/M - HDMI/M
1721017-30 QUALTEK-1721017-30 Datasheet
444Kb / 1P
HDMI/M - HDMI/M
logo
ESS Technology,Inc
ES7120 ESS-ES7120 Datasheet
44Kb / 2P
HDMI Transmitter
logo
Adam Technologies, Inc.
HDMI-S-V-SMT-MF-WOB-15 ADAM-TECH-HDMI-S-V-SMT-MF-WOB-15 Datasheet
86Kb / 1P
HDMI CONNECTOR
logo
CUI INC
HD04-19-TH-TR CUI-HD04-19-TH-TR Datasheet
453Kb / 4P
HDMI RECEPTACLE
09/29/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com