Electronic Components Datasheet Search
  English  ▼

X  

7012 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 7012
Description  Direct-acting 3/2-way plunger valve
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

7012 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  7012 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Type 7012
4 | 26
Visit product website 
1.
General technical data
1.1. Standard and banjo version
Product properties
Dimensions
Further information can be found in chapter “5. Dimensions” on page 9.
Material
Seal
FKM, EPDM
Body
Brass, polyamide (PA), stainless steel 1.4305/303
Manual override
Optional, standard for Type 7012 banjo version
Weight
Standard version 24.5 mm solenoid coil 5 ¼ oz (with NPT ⅛)
Standard version 20 mm solenoid coil
4 ¼ oz (with NPT ⅛)
Banjo version
4 ¾ oz
Orifice
DN 1.2…DN 2.0
Circuit function
C and D
Further information can be found in chapter “2. Circuit functions” on page 5.
Thermal insulation class of solenoid coil Epoxy coil class H
Performance data
Nominal operating mode
Single valve
Continuous operation 100 % ED resp. 50 % ED
For block mounting on multiple manifold With 4 W/5 W solenoid coil 100 % ED (at max. 131 °F)
Switching time 1.)
Standard version
Orifice 1.2…1.6 mm: opening 8…12 ms, closing 8…12 ms
Banjo version
Orifice 1.2 mm: opening 7…12 ms, closing 7…12 ms
Electrical data
Operating voltage
24 DC, 24 V/50 Hz, 24 V/60 Hz, 110 V/50 Hz, 120 V/60 Hz, 230 V/50 Hz, 240 V/60 Hz
Power consumption
Further information can be found in chapter “7. Performance specifications” on page 17.
Voltage tolerance
± 10 %
Medium data
Operating medium
Neutral gases and liquids (e.g. compressed air, water, hydraulic oil, technical vacuum)
Medium temperature
Standard version
+ 14 °F…+ 212 °F
Banjo version
+ 14 °C…+ 140 °F
Viscosity
Max. 21 cSt
Process/Port connection & communication
Electrical connection
• Acc. to DIN EN 175301 - 803 form C for cable plug Type 2516
• Acc. to industry standard form B for cable plug Type 2507
• Flat pin terminal as protection class III device
• Flying leads connection on request for coil size 20 mm
Port connection
Standard version
M5, G ⅛, NPT ⅛, Flange
Banjo version
G ⅛, G ¼, NPT ⅛, NPT ¼ and hose connector Ø 6 mm
Approvals and conformities
Degree of protection
IP65 with cable plug
North America (USA/Canada)
Further information can be found in chapter “3.5. North America (USA/Canada)” on page 6.
Foods and beverages/Hygiene
Further information can be found in chapter “3.6. Foods and beverages/Hygiene” on page 6.
Environment and installation
Installation position
As required, preferably with actuator upright
Ambient temperature
Standard version
Max. + 131 °F resp. 167 °F (depending on power level)
Banjo version
+ 14 °F…+ 131 °F resp. 167 °F (depending on power level)
1.) Measurement at + 68 °F, 87 psi at the valve outlet acc. to DIN ISO 12238:2001, opening: pressure build-up 0…10 %, closing: pressure reduction 100…90 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com