Electronic Components Datasheet Search
  English  ▼

X  

7012 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 7012
Description  Direct-acting 3/2-way plunger valve
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

7012 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  7012 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Type 7012
5 | 26
Visit product website 
1.2. ATEX/IECEx cable version
Product properties
Material
Seal
FKM, EPDM
Body
Brass, stainless steel 1.4305/303
Circuit function
A and B
Further information can be found in chapter “2. Circuit functions” on page 5.
Available coil size
SG3 (24.5 mm width)
Performance data
Operating pressure
Up to 34 bar (depending on orifice and coil power)
Medium data
Operating medium
Neutral gases and liquids (e.g. compressed air, water, hydraulic oil, technical vacuum)
Medium temperature 1.)
FKM
- 10 °C…+ 100 °C
EPDM
- 30 °C…+ 100 °C
Process/Port connection & communication
Electrical connection
ATEX/IECEx cable version with 3 m moulded-in cable
Port connection
Thread
G ⅛, NPT ⅛, RC⅛, M5, UNF 10 - 32
Flange
Flange “FK01”
Approvals and conformities
Degree of protection
IP65 with cable plug and ATEX/IECEx cable version
Explosion protection
Further information can be found in chapter “3.4. Explosion protection” on page 6.
Environment and installation
Ambient temperature 1.)
FKM
- 10 °C…+ 55 °C (max. + 60 °C on request)
EPDM
- 30 °C…+ 55 °C (max. + 60 °C on request)
1.) The minimum temperature depends on the seal material.
2.
Circuit functions
Symbol
Description
2(A)
1(P)
3(R)
Circuit function C (CF C)
3/2-way solenoid valve
Direct-acting
Normally closed
2(B)
1(P)
3(R)
Circuit function D (CF D)
3/2-way solenoid valve
Direct-acting
Normally open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com