Electronic Components Datasheet Search
  English  ▼

X  

7012 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 7012
Description  Direct-acting 3/2-way plunger valve
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

7012 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 7012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Type 7012
12 | 26
Visit product website 
Further electrical connections
Note:
• Dimensions in mm [inch]
• Specifications apply to coil sizes 20 mm [0.79 in] and 24.5 mm [0.96 in]
Version flat pin terminal as protection class III device
Version according to DIN EN 175301 - 803 form C
10 0.4
8.45 0.33
10.4 0.41
5.3. Banjo version
Note:
• Dimensions in mm [inch]
• Coil size 24.5 mm [0.96 in]
• Plug connection for compressed air: Pressure port P can be continuously rotated through 360°.
• Available orifices: 1.6 mm and 2.0 mm
3.5 0.14
A
P
20 0.79
55 2.17
SW17
Version
P
A
L
[Zoll]
[Zoll]
[mm]
[inch]
BJ01
G ⅛
G ⅛
8
0.31
BJ02
G ¼
G ¼
12
0.47
BJ03
NPT ¼
G ⅛
12.9
0.51
BJ04
NPT ¼
G ¼
12.9
0.51
BJ05
G ¼
G ⅛
12
0.47
BJ06
G ⅛
G ¼
8
0.31
BJ07
NPT ⅛
G ⅛
8.9
0.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com