Electronic Components Datasheet Search
  English  ▼

X  

7012 Datasheet(PDF) 22 Page - Christian Bürkert GmbH & Co. KG

Part # 7012
Description  Direct-acting 3/2-way plunger valve
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

7012 Datasheet(HTML) 22 Page - Christian Bürkert GmbH & Co. KG

Back Button 7012 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Type 7012
22 | 26
Visit product website 
Circuit function
Port
connection
Orifice C
V value
water 1.)
Voltage/
Frequency/
Power
Maximum
duty cycle
Pressure range 2.)3.) (MAWP 4.))
Article no.
Ambient
temperature 167 °F
Ambient
temperature 131 °F
Brass body
Stainless
steel body
Air + water
Air + water
FKM seal
[mm]
[gal/min] [V/Hz/W]
[psi]
[psi]
CF D
3/2-way solenoid
valve
Direct-acting
Normally open
2(B)
1(P)
3(R)
NPT ⅛
1.2
0.05
24 / DC / 5
100 % ED
0…145
0…145
o. r.
o. r.
24 / 60 / 4
0…145
0…145
o. r.
o. r.
120 / 60 / 4
0…145
0…145
o. r.
o. r.
240 / 60 / 4
0…145
0…145
o. r.
o. r.
1.6
0.07
24 / DC / 5
100 % ED
0…87
0…87
o. r.
o. r.
24 / 60 / 4
0…87
0…87
o. r.
o. r.
120 / 60 / 4
0…87
0…87
o. r.
o. r.
240 / 60 / 4
0…87
0…87
o. r.
o. r.
2.0 5.)
0.13
24 / DC / 6.5
100 % ED
–
0…116
o. r.
o. r.
24 / DC / 5
0…87
0…87
o. r.
o. r.
24 / 60 / 4
0…102
0…102
o. r.
o. r.
120 / 60 / 4
0…102
0…102
o. r.
o. r.
240 / 60 / 4
0…102
0…102
o. r.
o. r.
Manifold
(FK01)
1.2
0.05
24 / DC / 5
100 % ED
0…87
0…87
o. r.
o. r.
24 / DC / 5.5
0…6
0…6
o. r.
o. r.
24 / 60 / 4
0…87
0…87
o. r.
o. r.
120 / 60 / 4
0…87
0…87
o. r.
o. r.
240 / 60 / 4
0…87
0…87
o. r.
o. r.
1.6
0.07
24 / DC / 5
100 % ED
0…87
0…87
o. r.
o. r.
24 / 60 / 4
0…87
0…87
o. r.
o. r.
120 / 60 / 4
0…87
0…87
o. r.
o. r.
240 / 60 / 4
0…87
0…87
o. r.
o. r.
2.0 5.)
0.13
24 / DC / 6.5
100 % ED
–
0…116
o. r.
o. r.
24 / DC / 5
0…87
0…87
o. r.
o. r.
24 / 60 / 4
0…102
0…102
o. r.
o. r.
120 / 60 / 4
0…102
0…102
o. r.
o. r.
240 / 60 / 4
0…102
0…102
o. r.
o. r.
o. r.: on request
1.) Measurement at + 68 °F, 14.5 2.) bar at the valve inlet and free outlet
2.) Pressure data: overpressure to atmospheric pressure and air as a medium
3.) Number of switching cycles under laboratory conditions (FKM seal, oiled air, unpressurised, DC): 5 million. Please note that an increase in switching pressure can limit the life of the
seat seal.
4.) Maximum allowable working pressure
5.) Limited swelling compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com