Electronic Components Datasheet Search
  English  ▼

X  

7012 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 7012
Description  Direct-acting 3/2-way plunger valve
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

7012 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  7012 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Visit product website 
DATA SHEET
Standard | EU | en | 2024-02-07 | 07
Direct-acting 3/2-way plunger valve
• Direct-acting and compact small valve up to DN 1.6
• Slipped over coil system
• Banjo fitting for direct mounting on pneumatic valves
• Simple and fast push-in, flange or manifold mounting
• Explosion-proof variants
The 7012 valve is a direct-acting plunger valve. The stopper and the core guide
tube are welded together to increase pressure resistance and leak-tightness. Vari-
ous housing and seal material combinations are available depending on the actual
application. A Bürkert-specific flange variant (SFB) enables the space-saving
arrangement of valves on a multiple manifold. The range is supplemented by explo-
sion-proof variants. Push-in fittings can be selected for a flexible hose connection.
A banjo fitting with banjo bolt is the ideal solution for easy direct mounting on a
pneumatic actuator.er Optional manual override enables quick start-up and opti-
mal maintenance. In combination with a plug to industry standard shape B or DIN
EN 17301-803 shape C, the valves satisfy degree of protection IP65.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Type 7012
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 7012

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7012 BOURNS-7012 Datasheet
55Kb / 1P
Common Mode EMI Chokes
logo
API Technologies Corp
7012 APITECH-7012 Datasheet
519Kb / 1P
Inside/Outside DC Block
logo
ASM GmbH
7012 ASM-SENSOR-7012 Datasheet
1Mb / 4P
DC-PROZESSKALIBRATOR
logo
Heyco.
7012 HEYCO-7012 Datasheet
132Kb / 1P
Male Pins
logo
Wiha Tools
7012 WIHA-7012 Datasheet
1Mb / 4P
Wiha Torque Product Range. The Brilliant Torque Screwdrivers.
More results

Similar Description - 7012

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
BOT123 BOT-BOT123 Datasheet
37Kb / 2P
3 Way 2 Tier 3mm LED Array
logo
Sensortechnics GmbH
003-0137-900 SENSORTECHNICS-003-0137-900 Datasheet
99Kb / 4P
General purpose 2-way and 3-way soleniod valves
logo
Transcom, Inc.
TPD03-02G04S TRANSCOM-TPD03-02G04S Datasheet
84Kb / 1P
2-4GHz 3-Way Power Divider
TPD03-02G08S TRANSCOM-TPD03-02G08S Datasheet
86Kb / 1P
2-8GHz 3-Way Power Divider
TPD03-02G18BS TRANSCOM-TPD03-02G18BS Datasheet
86Kb / 1P
2-18GHz 3-Way Power Divider
logo
TT Electronics.
DS1561 TTELEC-DS1561 Datasheet
312Kb / 1P
2 Way Direct Acting
DS1571 TTELEC-DS1571 Datasheet
312Kb / 1P
3 Way Direct Acting
DS1581 TTELEC-DS1581 Datasheet
325Kb / 1P
2, 3 & 5 Valve Manifolds
DS1591 TTELEC-DS1591 Datasheet
309Kb / 1P
Servo-Acting Valve
logo
List of Unclassifed Man...
FAB ETC-FAB Datasheet
575Kb / 22P
Discrete direct acting 2 port solenoid valve for compressed air, manifold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com