Electronic Components Datasheet Search
  English  ▼

X  

7012 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 7012
Description  Direct-acting 3/2-way plunger valve
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

7012 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 7012 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Type 7012
7 | 26
Visit product website 
4.
Materials
4.1. Bürkert resistApp
Bürkert resistApp – Chemical resistance chart
You want to ensure the reliability and durability of the materials in your individual application
case? Verify your combination of media and materials on our website or in our resistApp.
Start chemical resistance check
4.2. Material specifications
Standard version
1
2
4
6
7
8
9
3
10
11
5
No. Element
Material
1
Locknut
DIN 176
Surface finish thick film passivated
KOSA0101
2
Stopper
Stainless steel 1.4113/434
3
Shading ring
Copper (silver optional)
4
Core
Stainless steel 1.4113/434
5
Core guide tube
Stainless steel 1.4303/305L
6
Spring
Stainless steel 1.4310/301
7
O-ring
FKM/EPDM
8
Seal
FKM/EPDM
9
Valve body
Brass, stainless steel 1.4305/303
PA (polyamide)
10
Flange
• Surface finish thick film passivated
KOSA0101 (brass version)
• Nickel-plated surface
(stainless steel version)
11
Coil
Epoxy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com